Electronic Components Datasheet Search
  English  ▼

X  

ADM487E Datasheet(PDF) 1 Page - Analog Devices

Part # ADM487E
Description  5 V, 짹15 kV ESD Protected Half-Duplex, RS-485/RS-422 Transceivers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM487E Datasheet(HTML) 1 Page - Analog Devices

  ADM487E Datasheet HTML 1Page - Analog Devices ADM487E Datasheet HTML 2Page - Analog Devices ADM487E Datasheet HTML 3Page - Analog Devices ADM487E Datasheet HTML 4Page - Analog Devices ADM487E Datasheet HTML 5Page - Analog Devices ADM487E Datasheet HTML 6Page - Analog Devices ADM487E Datasheet HTML 7Page - Analog Devices ADM487E Datasheet HTML 8Page - Analog Devices ADM487E Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
5 V, ±15 kV ESD Protected
Half-Duplex, RS-485/RS-422 Transceivers
ADM485E/ADM487E/ADM1487E
Rev. 0
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityis assumedbyAnalogDevicesforitsuse,norforanyinfringements of patents or other
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113
©2007 Analog Devices, Inc. All rights reserved.
FEATURES
TIA/EIA RS-485-/RS-422-compliant
ESD protection on RS-485 I/O pins
±15 kV human body model
Data rates
ADM487E: 250 kbps
ADM485E/ADM1487E: 2.5 Mbps
Half-duplex options
Reduced slew rates for low EMI
−7 V to +12 V common-mode input range
Thermal shutdown and short-circuit protection
8-lead SOIC packages
APPLICATIONS
Energy/power metering
Lighting systems
Industrial control
Telecommunications
Security systems
Instrumentation
FUNCTIONAL BLOCK DIAGRAM
B
A
R
D
RO
RE
DE
DI
GND
VCC
ADM485E/
ADM487E/
ADM1487E
Figure 1.
GENERAL DESCRIPTION
The ADM485E/ADM487E/ADM1487E are 5 V, low power
data transceivers with ±15 kV ESD protection suitable for half-
duplex communication on multipoint bus transmission lines.
They are designed for balanced data transmission and comply
with Telecommunication Industry Association/Electronics Indus-
tries Association (TIA/EIA) standards RS-485 and RS-422. The
ADM487E and ADM1487E have a 1/4 unit load receiver input
impedance that allows up to 128 transceivers on a bus, whereas
the ADM485E allows up to 32 transceivers on a bus. Because
only one driver is enabled at any time, the output of a disabled or
power-down driver is three-stated to avoid overloading the bus.
The driver outputs are slew rate-limited to reduce EMI and data
errors caused by reflections from improperly terminated buses.
Excessive power dissipation caused by bus contention or output
shorting is prevented with a thermal shutdown circuit.
The parts are fully specified over the industrial temperature
ranges and are available in 8-lead SOIC packages.
Table 1. Selection Table
Part
Number
Half-/Full-
Duplex
Guaranteed
Data Rate
(Mbps)
Slew Rate
Limited
Low Power
Shutdown
Driver/Receiver
Enable
Quiescent
Current (μA)
Number of
Nodes on Bus
Pin
Count
ADM485E
Half
2.5
No
No
Yes
300
32
8
ADM487E
Half
0.25
Yes
Yes
Yes
120
128
8
ADM1487E
Half
2.5
No
No
Yes
230
128
8


Similar Part No. - ADM487E

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADM487E AD-ADM487E Datasheet
285Kb / 16P
5 V, ±15 kV ESD Protected Half-Duplex, RS-485/RS-422 Transceivers
Rev. B
ADM487EARZ AD-ADM487EARZ Datasheet
285Kb / 16P
5 V, ±15 kV ESD Protected Half-Duplex, RS-485/RS-422 Transceivers
Rev. B
ADM487EARZ-REEL7 AD-ADM487EARZ-REEL7 Datasheet
285Kb / 16P
5 V, ±15 kV ESD Protected Half-Duplex, RS-485/RS-422 Transceivers
Rev. B
ADM487EWARZ AD-ADM487EWARZ Datasheet
285Kb / 16P
5 V, ±15 kV ESD Protected Half-Duplex, RS-485/RS-422 Transceivers
Rev. B
ADM487EWARZ-REEL7 AD-ADM487EWARZ-REEL7 Datasheet
285Kb / 16P
5 V, ±15 kV ESD Protected Half-Duplex, RS-485/RS-422 Transceivers
Rev. B
More results

Similar Description - ADM487E

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADM3077E AD-ADM3077E Datasheet
622Kb / 20P
3.3 V, 짹15 kV ESD-Protected, Half- and Full-Duplex, RS-485/RS-422 Transceivers
10/06-Rev. 0 to Rev. A
ADM3483E AD-ADM3483E Datasheet
649Kb / 20P
3.3 V, 짹15 kV ESD-Protected, Half- and Full-Duplex, RS-485/RS-422 Transceivers
10/06-Rev. 0 to Rev. A
logo
Maxim Integrated Produc...
MAX13485E MAXIM-MAX13485E Datasheet
276Kb / 16P
Half-Duplex RS-485/RS-422 Transceivers in uDFN
Rev 0; 1/07
logo
Analog Devices
ADM3485E AD-ADM3485E_10 Datasheet
303Kb / 16P
짹15 kV ESD-Protected, 3.3 V,12 Mbps, EIA RS-485/RS-422 Transceiver
Rev. D
ADM485E AD-ADM485E_15 Datasheet
286Kb / 16P
Half-Duplex, RS-485/RS-422 Transceivers
REV. B
ADM487E AD-ADM487E_15 Datasheet
286Kb / 16P
Half-Duplex, RS-485/RS-422 Transceivers
REV. B
ADM1487E AD-ADM1487E_15 Datasheet
286Kb / 16P
Half-Duplex, RS-485/RS-422 Transceivers
REV. B
logo
Maxim Integrated Produc...
MAX33046E MAXIM-MAX33046E Datasheet
390Kb / 16P
20Mbps, Half-Duplex RS-485/RS-422 Transceivers with 짹40kV ESD Protection
2021
logo
Analog Devices
ADM3070E AD-ADM3070E Datasheet
466Kb / 20P
3.3 V, ±15 kV ESD-Protected, Half- and Full-Duplex, RS-485/RS-422 Transceivers
Rev. F
ADM485E AD-ADM485E_V01 Datasheet
285Kb / 16P
5 V, ±15 kV ESD Protected Half-Duplex, RS-485/RS-422 Transceivers
Rev. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com