Electronic Components Datasheet Search
  English  ▼

X  

ADM487E Datasheet(PDF) 14 Page - Analog Devices

Part # ADM487E
Description  5 V, 짹15 kV ESD Protected Half-Duplex, RS-485/RS-422 Transceivers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM487E Datasheet(HTML) 14 Page - Analog Devices

Back Button ADM487E Datasheet HTML 8Page - Analog Devices ADM487E Datasheet HTML 9Page - Analog Devices ADM487E Datasheet HTML 10Page - Analog Devices ADM487E Datasheet HTML 11Page - Analog Devices ADM487E Datasheet HTML 12Page - Analog Devices ADM487E Datasheet HTML 13Page - Analog Devices ADM487E Datasheet HTML 14Page - Analog Devices ADM487E Datasheet HTML 15Page - Analog Devices ADM487E Datasheet HTML 16Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 14 / 16 page
background image
ADM485E/ADM487E/ADM1487E
Rev. 0 | Page 14 of 16
ESD Testing
Two coupling methods are used for ESD testing: contact
discharge and air-gap discharge. Contact discharge calls for
a direct connection to the unit being tested; air-gap discharge
uses a higher test voltage but does not make direct contact with
the unit under test. With air discharge, the discharge gun is moved
toward the unit under test, developing an arc across the air gap;
hence the term air discharge. This method is influenced by
humidity, temperature, barometric pressure, distance, and rate
of closure of the discharge gun. The contact-discharge method,
though less realistic, is more repeatable and is gaining accep-
tance and preference over the air-gap method.
Although very little energy is contained within an ESD pulse,
the extremely fast rise time, coupled with high voltages, can
cause failures in unprotected semiconductors. Catastrophic
destruction can occur immediately as a result of arcing or heating.
Even if catastrophic failure does not occur immediately, the
device can suffer from parametric degradation, which can result
in degraded performance. The cumulative effects of continuous
exposure can eventually lead to complete failure.
C1
R2
HIGH
VOLTAGE
GENERATOR
DEVICE
UNDER TEST
ESD TEST METHOD
HUMAN BODY MODEL
R2
±15kV
C1
100pF
Figure 27. ESD Generator
I/O lines are particularly vulnerable to ESD damage. Simply
touching or plugging in an I/O cable can result in a static
discharge that can damage or completely destroy the inter
face product connected to the I/O port. It is, therefore, extremely
important to have high levels of ESD protection on the I/O lines.
The ESD discharge can induce latch-up in the device under test.
Therefore, it is important that ESD testing on the I/O pins be
carried out while device power is applied. This type of testing
is more representative of a real-world I/O discharge where the
equipment is operating normally when the discharge occurs.
100%
90%
36.8%
10%
TIME (
t)
tRL
tDL
Figure 28. Human Body Model ESD Current Waveform
Table 9. ADM483E ESD Test Results
ESD Test Method
I/O Pins
Other Pins
Human Body Model (HBM)
±15 kV
±3.5 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com