Electronic Components Datasheet Search
  English  ▼

X  

ADM487E Datasheet(PDF) 12 Page - Analog Devices

Part # ADM487E
Description  5 V, 짹15 kV ESD Protected Half-Duplex, RS-485/RS-422 Transceivers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM487E Datasheet(HTML) 12 Page - Analog Devices

Back Button ADM487E Datasheet HTML 8Page - Analog Devices ADM487E Datasheet HTML 9Page - Analog Devices ADM487E Datasheet HTML 10Page - Analog Devices ADM487E Datasheet HTML 11Page - Analog Devices ADM487E Datasheet HTML 12Page - Analog Devices ADM487E Datasheet HTML 13Page - Analog Devices ADM487E Datasheet HTML 14Page - Analog Devices ADM487E Datasheet HTML 15Page - Analog Devices ADM487E Datasheet HTML 16Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
ADM485E/ADM487E/ADM1487E
Rev. 0 | Page 12 of 16
GENERATOR
+1.5V
–1.5V
0V OR 5V
RE
RO
50Ω
S1
S2
tRZH, tRZH(SHDN)
tRHZ
+5V
0V
0V
VOH
+1.5V
+1.5V
+0.5V
S1 OPEN
S2 CLOSED
S3 = +1.5V
RE
RO
tRZL, tRZL(SHDN)
+5V
0V
VCC
VOL
+1.5V
+1.5V
RE
RO
+5V
0V
0V
VOH
S1 OPEN
S2 CLOSED
S3 = +1.5V
S1 CLOSED
S2 OPEN
S3 = –1.5V
tRLZ
+1.5V
+0.5V
RE
RO
+5V
0V
VCC
VOL
S1 CLOSED
S2 OPEN
S3 = +1.5V
S3
VID
1kΩ
CL
15pF
VCC
Figure 25. Receiver Enable and Disable Times



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com