Electronic Components Datasheet Search
  English  ▼

X  

ADM487EARZ Datasheet(PDF) 8 Page - Analog Devices

Part # ADM487EARZ
Description  5 V, 짹15 kV ESD Protected Half-Duplex, RS-485/RS-422 Transceivers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM487EARZ Datasheet(HTML) 8 Page - Analog Devices

Back Button ADM487EARZ Datasheet HTML 4Page - Analog Devices ADM487EARZ Datasheet HTML 5Page - Analog Devices ADM487EARZ Datasheet HTML 6Page - Analog Devices ADM487EARZ Datasheet HTML 7Page - Analog Devices ADM487EARZ Datasheet HTML 8Page - Analog Devices ADM487EARZ Datasheet HTML 9Page - Analog Devices ADM487EARZ Datasheet HTML 10Page - Analog Devices ADM487EARZ Datasheet HTML 11Page - Analog Devices ADM487EARZ Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
ADM485E/ADM487E/ADM1487E
Rev. 0 | Page 8 of 16
TYPICAL PERFORMANCE CHARACTERISTICS
0
0.5
1.0
1.5
2.0
2.5
OUTPUT LOW VOLTAGE (V)
0
5
10
15
20
25
30
35
40
45
50
Figure 3. Output Current vs. Receiver Output Low Voltage
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
OUTPUT HIGH VOLTAGE (V)
0
–5
–10
–15
–20
–25
–30
Figure 4. Output Current vs. Receiver Output High Voltage
–40
–20
0
20
40
60
80
TEMPERATURE (°C)
3.9
4.0
4.1
4.2
4.3
4.4
4.5
IRO = –8mA
Figure 5. Receiver Output High Voltage vs. Temperature
–40
–20
0
20
40
60
80
TEMPERATURE (°C)
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
IRO = 8mA
Figure 6. Receiver Output Low Voltage vs. Temperature
DIFFERENTIAL OUTPUT VOLTAGE (V)
0
5
10
15
20
25
30
35
40
45
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
Figure 7. Driver Output Current vs. Differential Output Voltage
TEMPERATURE (°C)
1.5
1.6
1.7
1.8
1.9
2.0
2.1
2.2
2.3
–40
–20
0
20
40
60
80
Figure 8. Driver Differential Output Voltage vs. Temperature



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com