Electronic Components Datasheet Search
  English  ▼

X  

ADM487EARZ Datasheet(PDF) 11 Page - Analog Devices

Part # ADM487EARZ
Description  5 V, 짹15 kV ESD Protected Half-Duplex, RS-485/RS-422 Transceivers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM487EARZ Datasheet(HTML) 11 Page - Analog Devices

Back Button ADM487EARZ Datasheet HTML 7Page - Analog Devices ADM487EARZ Datasheet HTML 8Page - Analog Devices ADM487EARZ Datasheet HTML 9Page - Analog Devices ADM487EARZ Datasheet HTML 10Page - Analog Devices ADM487EARZ Datasheet HTML 11Page - Analog Devices ADM487EARZ Datasheet HTML 12Page - Analog Devices ADM487EARZ Datasheet HTML 13Page - Analog Devices ADM487EARZ Datasheet HTML 14Page - Analog Devices ADM487EARZ Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
ADM485E/ADM487E/ADM1487E
Rev. 0 | Page 11 of 16
TEST CIRCUITS AND SWITCHING CHARACTERISTICS
Z
Y
VOD
VOC
RL
RL
Figure 18. Driver DC Test Load
DI
DE
VDD
A
B
RL
CL
CL
VOD
Figure 19. Driver Timing Test Circuit
5V
1.5V
1/2VO
20%
80%
80%
20%
DI
A
B
0V
0V
VO
VO
–VO
VDIFF
tSKEW = tDPLH – tDPHL
VDIFF = V (A) – V (B)
tDR
tDPLH
tDPHL
tDF
1/2 VO
Figure 20. Driver Propagation Delays
GENERATOR
0 OR 5V
50Ω
RL = 500Ω
OUT
CL
S1
1.5V
5V
0V
VOH
0V
0.5V
2.3V
OUT
DE
tDHZ
tDZH,
tDZH(SHDN)
D
Figure 21. Driver Enable and Disable Times (tDHZ, tDZH, tDZH(SHDN))
GENERATOR
0V OR 5V
50Ω
D
RL = 500Ω
VCC
OUT
CL
S1
VCC/2
5V
0V
0.5V
2.3V
VOL
OUT
VCC
DE
tDLZ
tDZL,
tDZL(SHDN)
Figure 22. Driver Enable and Disable Times (tDZL, tDLZ, tDZL(SHDN))
ATE
B
RECEIVER
OUTPUT
A
R
VID
Figure 23. Receiver Propagation Delay Test Circuit
THE RISE TIME AND FALL TIME OF INPUT A AND INPUT B < 4ns
+1V
–1V
tRPHL
tRPLH
1.5V
B
RO
VOH
VOL
A
Figure 24. Receiver Propagation Delays



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com