Electronic Components Datasheet Search
  English  ▼

X  

ADM487EARZ Datasheet(PDF) 9 Page - Analog Devices

Part # ADM487EARZ
Description  5 V, 짹15 kV ESD Protected Half-Duplex, RS-485/RS-422 Transceivers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM487EARZ Datasheet(HTML) 9 Page - Analog Devices

Back Button ADM487EARZ Datasheet HTML 5Page - Analog Devices ADM487EARZ Datasheet HTML 6Page - Analog Devices ADM487EARZ Datasheet HTML 7Page - Analog Devices ADM487EARZ Datasheet HTML 8Page - Analog Devices ADM487EARZ Datasheet HTML 9Page - Analog Devices ADM487EARZ Datasheet HTML 10Page - Analog Devices ADM487EARZ Datasheet HTML 11Page - Analog Devices ADM487EARZ Datasheet HTML 12Page - Analog Devices ADM487EARZ Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
ADM485E/ADM487E/ADM1487E
Rev. 0 | Page 9 of 16
OUTPUT LOW VOLTAGE (V)
0
20
40
60
80
100
120
140
02
4
68
10
12
Figure 9. Output Current vs. Driver Output Low Voltage
OUTPUT HIGH VOLTAGE (V)
0
–20
–40
–60
–80
–100
–120
–140
–8
–6
–4
–2
0246
Figure 10. Output Current vs. Driver Output High Voltage
TEMPERATURE (°C)
0
100
200
300
400
500
600
–40
–20
0
20
40
60
80
DE = VCC AND RE = X
DE = 0 AND RE = X
Figure 11. ADM485E/ADM1487E Supply Current vs. Temperature
TEMPERATURE (°C)
0
100
200
300
400
500
600
–40
–20
0
20
40
60
80
DE = VCC AND RE = X
DE = 0 AND RE = Ø
Figure 12. ADM487E Supply Current vs. Temperature
TEMPERATURE (°C)
0
1
2
3
4
5
7
8
9
10
6
–60
–20
–40
0
204060
10
80
0
Figure 13. Shutdown Current vs. Temperature
CH1 5.00V
CH3 500mV
CH2 500mV
M200ns
A CH1
2.80V
1
2
3
T 57.60%
T
A
B
RO
Figure 14. ADM487E Receiver tPHL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com