Electronic Components Datasheet Search
  English  ▼

X  

HT48R01 Datasheet(PDF) 15 Page - Holtek Semiconductor Inc

Part # HT48R01
Description  10-Pin MSOP I/O Type 8-Bit OTP MCU
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT48R01 Datasheet(HTML) 15 Page - Holtek Semiconductor Inc

Back Button HT48R01 Datasheet HTML 11Page - Holtek Semiconductor Inc HT48R01 Datasheet HTML 12Page - Holtek Semiconductor Inc HT48R01 Datasheet HTML 13Page - Holtek Semiconductor Inc HT48R01 Datasheet HTML 14Page - Holtek Semiconductor Inc HT48R01 Datasheet HTML 15Page - Holtek Semiconductor Inc HT48R01 Datasheet HTML 16Page - Holtek Semiconductor Inc HT48R01 Datasheet HTML 17Page - Holtek Semiconductor Inc HT48R01 Datasheet HTML 18Page - Holtek Semiconductor Inc HT48R01 Datasheet HTML 19Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 38 page
background image
HT48R01/HT48R02/HT48R03
Rev. 1.00
15
December 20, 2006
The register states are summarised in the following table.
Register
Reset
(Power-on)
WDT time-out
(Normal Operation)
RES Reset
(Normal Operation)
RES Reset
(HALT)
WDT Time-out
(HALT)*
Program
Counter
000H
000H
000H
000H
000H
MP0
(HT48R01/02)
1xxx xxxx
1uuu uuuu
-uuu uuuu
-uuu uuuu
1uuu uuuu
MP1
(HT48R01/02)
1xxx xxxx
1uuu uuuu
-uuu uuuu
-uuu uuuu
1uuu uuuu
MP0
(HT48R03)
xxxx xxxx
xxxx xxxx
xxxx xxxx
xxxx xxxx
uuuu uuuu
MP1
(HT48R03)
xxxx xxxx
xxxx xxxx
xxxx xxxx
xxxx xxxx
uuuu uuuu
ACC
xxxx xxxx
uuuu uuuu
uuuu uuuu
uuuu uuuu
uuuu uuuu
TBLP
xxxx xxxx
uuuu uuuu
uuuu uuuu
uuuu uuuu
uuuu uuuu
TBLH
--xx xxxx
--uu uuuu
--uu uuuu
--uu uuuu
--uu uuuu
WDTS
---- -111
---- -111
---- -111
---- -111
---- -uuu
STATUS
--00 xxxx
--1u uuuu
--uu uuuu
--01 uuuu
--11 uuuu
INTC0
(HT48R01)
--00 -000
--00 -000
--00 -000
--00 -000
--uu -uuu
INTC0
(HT48R02/03)
-000 0000
-000 0000
-000 0000
-000 0000
-uuu uuuu
TMR0
xxxx xxxx
xxxx xxxx
xxxx xxxx
xxxx xxxx
uuuu uuuu
TMR0C
0000 1000
0000 1000
0000 1000
0000 1000
uuuu uuuu
TMR1
xxxx xxxx
xxxx xxxx
xxxx xxxx
xxxx xxxx
uuuu uuuu
TMR1C
0000 1---
0000 1---
0000 1---
0000 1---
uuuu u---
PA
1111 1111
1111 1111
1111 1111
1111 1111
uuuu uuuu
PAC
1111 1111
1111 1111
1111 1111
1111 1111
uuuu uuuu
PAPU
-000 0000
-000 0000
-000 0000
-000 0000
-uuu uuuu
PAWK
-000 0000
-000 0000
-000 0000
-000 0000
-uuu uuuu
CTRL
-0-- 0000
-0-- 0000
-0-- 0000
-0-- 0000
-u-- uuuu
WCON
10-- 1010
10-- 1010
10-- 1010
10-- 1010
uu-- uuuu
Note:
²*² means ²warm reset²
²-² not implement
²u² means ²unchanged²
²x² means ²unknown²



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com