Electronic Components Datasheet Search
  English  ▼

X  

HT48R01 Datasheet(PDF) 19 Page - Holtek Semiconductor Inc

Part # HT48R01
Description  10-Pin MSOP I/O Type 8-Bit OTP MCU
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT48R01 Datasheet(HTML) 19 Page - Holtek Semiconductor Inc

Back Button HT48R01 Datasheet HTML 15Page - Holtek Semiconductor Inc HT48R01 Datasheet HTML 16Page - Holtek Semiconductor Inc HT48R01 Datasheet HTML 17Page - Holtek Semiconductor Inc HT48R01 Datasheet HTML 18Page - Holtek Semiconductor Inc HT48R01 Datasheet HTML 19Page - Holtek Semiconductor Inc HT48R01 Datasheet HTML 20Page - Holtek Semiconductor Inc HT48R01 Datasheet HTML 21Page - Holtek Semiconductor Inc HT48R01 Datasheet HTML 22Page - Holtek Semiconductor Inc HT48R01 Datasheet HTML 23Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 38 page
background image
HT48R01/HT48R02/HT48R03
Rev. 1.00
19
December 20, 2006
· Buzzer Function
PA0 and PA1 are pin-shared with the BZ and BZ
buzzer signals, respectively. If the Buzzer option is se-
lected, then if these pins are setup as outputs, the sig-
nals on PA0 (or PA1) will be the Buzzer signal. If setup
as inputs, they will always retain their original input
functions.
The buzzer output signals (in output mode) are con-
trolled by the PA0 data register only. The truth table for
PA0/BZ and PA1/BZ are listed below. Port A also has
a CMOS or Schmitt trigger input configuration option
(All port A I/O lines are controlled by a option bit).
The truth table for PA0/BZ and PA1/BZ is as shown.
PA0 I/O
IIII O O O OOOOO
PA1 I/O
I OOO I
I
I OOOOO
PA0 Mode
xxxx C B B C BBBB
PA1 Mode
x C B B x x x C C C B B
PA0 Data
x x 0 1 D 0 1 D0 0101
PA1 Data
x D xxxx x D1 DD x x
PA0 Pad Status IIII D 0 B D0 0B0B
PA1 Pad Status I D 0 B I
I
I D1 DD 0 B
Note: I: input; O: output; D, D0,D1: data;
B: buzzer option, BZ or BZ; x: don't care
C: CMOS output
Low Voltage Reset
- LVR
The microcontroller provides a low voltage reset circuit
in order to monitor the supply voltage of the device. If the
supply voltage of the device is within the range
0.9V~VLVR, such as when changing the battery, the LVR
will automatically reset the device internally.
The LVR includes the following specifications:
· The low voltage (0.9V~V
LVR) has to remain in this con-
dition for a time greater than 1ms. If the low voltage
state does not exceed 1ms, the LVR will ignore it and
will not perform a reset function.
· The LVR uses an
²OR² function with the external RES
signal to perform a chip reset.
The relationship between VDD and VLVR is shown below.
Note: VOPR is the voltage range for proper chip opera-
tion with a 4MHz system clock.
5 . 5 V
2 . 1 V
2 . 2 V
0 . 9 V
V D D
V O P R
V L V R
5 . 5 V
5 . 5 V
3 . 1 5 V
2 . 2 V
0 . 9 V
V D D
V O P R
V L V R
5 . 5 V
5 . 5 V
4 . 2 V
2 . 2 V
0 . 9 V
V D D
V O P R
V L V R
5 . 5 V
V D D
5 . 5 V
V L V R
0 . 9 V
0 V
R e s e t S i g n a l
R e s e t
* 1
* 2
N o r m a l O p e r a t i o n
R e s e t
L V R D e t e c t V o l t a g e
Low Voltage Reset
Note: *1: To make sure that the system oscillator has stabilised, the SST provides an extra delay of
1024 system clock pulses before entering normal operation.
*2: Since the low voltage has to be maintained in its original state and exceed tLVR, therefore a tLVR delay enters
the reset mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com