Electronic Components Datasheet Search
  English  ▼

X  

HT48R01 Datasheet(PDF) 17 Page - Holtek Semiconductor Inc

Part # HT48R01
Description  10-Pin MSOP I/O Type 8-Bit OTP MCU
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT48R01 Datasheet(HTML) 17 Page - Holtek Semiconductor Inc

Back Button HT48R01 Datasheet HTML 13Page - Holtek Semiconductor Inc HT48R01 Datasheet HTML 14Page - Holtek Semiconductor Inc HT48R01 Datasheet HTML 15Page - Holtek Semiconductor Inc HT48R01 Datasheet HTML 16Page - Holtek Semiconductor Inc HT48R01 Datasheet HTML 17Page - Holtek Semiconductor Inc HT48R01 Datasheet HTML 18Page - Holtek Semiconductor Inc HT48R01 Datasheet HTML 19Page - Holtek Semiconductor Inc HT48R01 Datasheet HTML 20Page - Holtek Semiconductor Inc HT48R01 Datasheet HTML 21Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 38 page
background image
HT48R01/HT48R02/HT48R03
Rev. 1.00
17
December 20, 2006
Bit No.
Label
Function
0~2
T0PSC0~
T0PSC2
To define the prescaler stages, T0PSC2, T0PSC1, T0PSC0=
000: fINT=fTP
001: fINT=fTP/2
010: fINT=fTP/4
011: fINT=fTP/8
100: fINT=fTP/16
101: fINT=fTP/32
110: fINT=fTP/64
111: fINT=fTP/128
3
T0E
To define the TMR active edge of the timer/event counter
In event counter mode (T0M1,T0M0)=(0,1):
1: count on falling edge
0: count on rising edge
In pulse width measurement mode (T0M1,T0M0)=(1,1):
1: start counting on rising edge, stop on falling edge
0: start counting on falling edge, stop on rising edge
4
T0ON
To enable or disable timer counting (0=disabled; 1=enabled)
5
T0S
Timer clock source selection
0: fSYS
1: RTC
6
7
T0M0
T0M1
To define the operating mode (T0M1, T0M0)
01=Event count mode (external clock)
10=Timer mode (internal clock)
11=Pulse width measurement mode
00=Unused
TMR0C (0EH) Register
In the case of timer/event counter OFF condition, writing
data to the timer/event counter preload register will also
reload that data to the timer/event counter. But if the
timer/event counter is turned on, data written to it will
only be kept in the timer/event counter preload register.
The timer/event counter will still operate until overflow
occurs. When the timer/event counter is read, the clock
will be blocked to avoid errors. As clock blocking may re-
sults in a counting error, this must be taken into consid-
eration by the programmer.
The bit 0~2 of the TMR0C can be used to define the
pre-scaling stages of the internal clock sources of the
timer/event counter. The definitions are as shown. The
timer/event counter overflow signals can be used to
generate signals for the buzzer.
Bit No.
Label
Function
0~2
¾
Unused bit, read as
²0²
3
T1E
To define the TMR active edge of the timer/event counter
In event counter mode (T1M1,T1M0)=(0,1):
1: count on falling edge
0: count on rising edge
In pulse width measurement mode (T1M1,T1M0)=(1,1):
1: start counting on rising edge, stop on falling edge
0: start counting on falling edge, stop on rising edge
4
T1ON
To enable or disable timer counting (0=disabled; 1=enabled)
5
T1S
Timer clock source selection
0: fSYS/4
1: RTC
6
7
T1M0
T1M1
To define the operating mode (T1M1, T1M0)
01=Event count mode (external clock)
10=Timer mode (internal clock)
11=Pulse width measurement mode
00=Unused
TMR1C (11H) Register



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com