Electronic Components Datasheet Search
  English  ▼

X  

HT48R01 Datasheet(PDF) 20 Page - Holtek Semiconductor Inc

Part # HT48R01
Description  10-Pin MSOP I/O Type 8-Bit OTP MCU
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT48R01 Datasheet(HTML) 20 Page - Holtek Semiconductor Inc

Back Button HT48R01 Datasheet HTML 16Page - Holtek Semiconductor Inc HT48R01 Datasheet HTML 17Page - Holtek Semiconductor Inc HT48R01 Datasheet HTML 18Page - Holtek Semiconductor Inc HT48R01 Datasheet HTML 19Page - Holtek Semiconductor Inc HT48R01 Datasheet HTML 20Page - Holtek Semiconductor Inc HT48R01 Datasheet HTML 21Page - Holtek Semiconductor Inc HT48R01 Datasheet HTML 22Page - Holtek Semiconductor Inc HT48R01 Datasheet HTML 23Page - Holtek Semiconductor Inc HT48R01 Datasheet HTML 24Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 38 page
background image
HT48R01/HT48R02/HT48R03
Rev. 1.00
20
December 20, 2006
Configuration Options
The following table shows the various configuration options for the microcontroller. All options must be defined for
proper system functioning.
Items
Options
1
System oscillator selection
· Internal RC + PA5/PA6
· Internal RC + RTC
· External Xtal
· External RC + PA5
2
Internal RC frequency selection: 4MHz, 8MHz or 12MHz
3
WDT function: enable or disable
4
WDT clock source: WDTOSC, fSYS/4 or RTC OSC
5
CLRWDT instruction(s): one or two clear WDT instruction(s)
6
LVR function: enable or disable
7
LVR selection: 2.1V/3.15V/4.2V
8
RES or PA7 input selection



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com