Electronic Components Datasheet Search
  English  ▼

X  

UPD30102 Datasheet(PDF) 79 Page - Renesas Technology Corp

Part # UPD30102
Description  MOS INTEGRATED CIRCUIT
PDF  114 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPD30102 Datasheet(HTML) 79 Page - Renesas Technology Corp

Back Button UPD30102 Datasheet HTML 75Page - Renesas Technology Corp UPD30102 Datasheet HTML 76Page - Renesas Technology Corp UPD30102 Datasheet HTML 77Page - Renesas Technology Corp UPD30102 Datasheet HTML 78Page - Renesas Technology Corp UPD30102 Datasheet HTML 79Page - Renesas Technology Corp UPD30102 Datasheet HTML 80Page - Renesas Technology Corp UPD30102 Datasheet HTML 81Page - Renesas Technology Corp UPD30102 Datasheet HTML 82Page - Renesas Technology Corp UPD30102 Datasheet HTML 83Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 79 / 114 page
background image
µPD30102
77
Preliminary Data Sheet
Data Retention Characteristics (TA = 25°C)
Parameter
Symbol
Condition
MIN.
MAX.
Unit
Data retention voltageNote 1
VDDDR
Hibernate mode
2.5
3.6
V
Data retention high-level input
VIHDR
Under evaluation
V
voltageNote 2
(0.9VDDDR)
Notes 1. The data retention voltage guarantees retention of the data read from the following registers for the
RTC operation, and the data of the compare register (the data in the CPU core cannot be guaranteed).
ETIMELREG, ETIMEMREG, ETIMEHREG, ECOMPLREG, ECOMPMREG, ECOMPHREG
2. Applied to RTCRST# pin
Remark The values in parentheses are the targeted values.
VDD
RTCRST#
VIHDR
3.0 V
VDDDR
VDDDR
VIHDR



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com