Electronic Components Datasheet Search
  English  ▼

X  

UPD30102 Datasheet(PDF) 96 Page - Renesas Technology Corp

Part # UPD30102
Description  MOS INTEGRATED CIRCUIT
PDF  114 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPD30102 Datasheet(HTML) 96 Page - Renesas Technology Corp

Back Button UPD30102 Datasheet HTML 92Page - Renesas Technology Corp UPD30102 Datasheet HTML 93Page - Renesas Technology Corp UPD30102 Datasheet HTML 94Page - Renesas Technology Corp UPD30102 Datasheet HTML 95Page - Renesas Technology Corp UPD30102 Datasheet HTML 96Page - Renesas Technology Corp UPD30102 Datasheet HTML 97Page - Renesas Technology Corp UPD30102 Datasheet HTML 98Page - Renesas Technology Corp UPD30102 Datasheet HTML 99Page - Renesas Technology Corp UPD30102 Datasheet HTML 100Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 96 / 114 page
background image
µPD30102
94
Preliminary Data Sheet
(11) System bus parameter (ZWS#) (1/2)
Parameter
Symbol
MIN.
MAX.
Unit
Command signal low-level widthNotes 1, 2
tCLCH
T
× N – 31
ns
ZWS# delay time (from command signal)Notes 1, 2
tCLZL
T
× (N – 1) – 20
ns
ZWS# hold time (from command signal)Note 2
tCHZH
0ns
Notes 1. With the VR4102, the MEMW#, MEMR#, IOW#, and IOR# pins are called the command signals for
the system bus interface.
2. The value of N is set by using the WISAA (0:2) bits of the BCUSPEEDREG register.
The value of T is set by using the CLKSEL (0:2) bits (TxD#/CLKSEL2, RTS#CLKSEL1, and
DTR#CLKSEL0).
CLKSEL2
CLKSEL1
CLKSEL0
T (ns)
1
0
1
37.3
1
0
0
40.6
WISAA2
WISAA1
WISAA0
N (TClock)
0008
0017
0106
0115
1Note
0Note
0Note
4
1Note
0Note
1Note
3
110
—
111
—
Note
If the WISAA (0:2) bits are set to 100B or
high, the AC characteristics of tAVCK and
tCLCK are not guaranteed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com