Electronic Components Datasheet Search
  English  ▼

X  

UPD30102 Datasheet(PDF) 82 Page - Renesas Technology Corp

Part # UPD30102
Description  MOS INTEGRATED CIRCUIT
PDF  114 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPD30102 Datasheet(HTML) 82 Page - Renesas Technology Corp

Back Button UPD30102 Datasheet HTML 78Page - Renesas Technology Corp UPD30102 Datasheet HTML 79Page - Renesas Technology Corp UPD30102 Datasheet HTML 80Page - Renesas Technology Corp UPD30102 Datasheet HTML 81Page - Renesas Technology Corp UPD30102 Datasheet HTML 82Page - Renesas Technology Corp UPD30102 Datasheet HTML 83Page - Renesas Technology Corp UPD30102 Datasheet HTML 84Page - Renesas Technology Corp UPD30102 Datasheet HTML 85Page - Renesas Technology Corp UPD30102 Datasheet HTML 86Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 82 / 114 page
background image
µPD30102
80
Preliminary Data Sheet
(1) Clock parameter
Parameter
Symbol
Condition
MIN.
TYP.
MAX.
Unit
HSPSCLK high-level width
tWHSH
When HSP unit is used
40
ns
HSPSCLK low-level width
tWHSL
When HSP unit is used
40
ns
HSPSCLK clock frequency
tHSCYC
When HSP unit is used
tMCYC
MHz
HSPSCLK clock cycle
tCYHS
When HSP unit is used
108.5
ns
HSPSCLK clock rise time
tHSR
When HSP unit is used
10
ns
HSPSCLK clock fall time
tSHF
When HSP unit is used
10
ns
HSPMCLK high-level width
tMPH
When HSP unit is used
tCYHM
×
tCYHM
×
ns
0.45
0.55
HSPMCLK low-level width
tMPL
When HSP unit is used
tCYHM
×
tCYHM
×
ns
0.45
0.55
HSPMCLK clock frequency
tMCYC
When HSP unit is used
0.585
18.432
MHz
HSPMCLK clock cycle
tCYHM
When HSP unit is used
54.253
1790.365
ns
BUSCLK high-level width
tBCLKH
45
ns
BUSCLK low-level width
tBCLKL
45
ns
FIRCLK input frequencyNote
tFIRCYC
In FIR mode
47.996
48.000
48.005
MHz
In MIR mode
47.952
48.048
FIRCLK clock dutyNote
tFIRDUTY
42
58
%
Note
Applied to FIRCLK pin.
tCYHS
tWHSH
tWHSL
tMPH
tMPL
tBCLKH
tBCLKL
HSPMCLK
(output)
HSPSCLK
(input)
BUSCLK
(output)
tHSR
tSHF
tCYHM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com