Electronic Components Datasheet Search
  English  ▼

X  

PMGD780SN Datasheet(PDF) 6 Page - Nexperia B.V. All rights reserved

Part # PMGD780SN
Description  Dual N-channel μTrenchMOS standard level FET
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

PMGD780SN Datasheet(HTML) 6 Page - Nexperia B.V. All rights reserved

Back Button PMGD780SN Datasheet HTML 2Page - Nexperia B.V. All rights reserved PMGD780SN Datasheet HTML 3Page - Nexperia B.V. All rights reserved PMGD780SN Datasheet HTML 4Page - Nexperia B.V. All rights reserved PMGD780SN Datasheet HTML 5Page - Nexperia B.V. All rights reserved PMGD780SN Datasheet HTML 6Page - Nexperia B.V. All rights reserved PMGD780SN Datasheet HTML 7Page - Nexperia B.V. All rights reserved PMGD780SN Datasheet HTML 8Page - Nexperia B.V. All rights reserved PMGD780SN Datasheet HTML 9Page - Nexperia B.V. All rights reserved PMGD780SN Datasheet HTML 10Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
PMGD780SN_2
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2010. All rights reserved.
Product data sheet
Rev. 02 — 19 April 2010
5 of 14
NXP Semiconductors
PMGD780SN
Dual N-channel
μTrenchMOS standard level FET
6. Characteristics
Table 5.
Characteristics
Tj =25 °C unless otherwise specified.
Symbol Parameter
Conditions
Min
Typ
Max Unit
Static characteristics
V(BR)DSS drain-source breakdown voltage
ID = 250 μA; VGS =0 V
Tj =25 °C
60
--V
Tj = −55 °C
55
--V
VGS(th)
gate-source threshold voltage
ID = 0.25 mA; VDS =VGS; Figure 9
Tj =25 °C
122.5
V
Tj =150 °C0.6
−−
V
Tj = −55 °C
−−
3.5
V
IDSS
drain leakage current
VDS =60 V; VGS =0 V
Tj =25 °C-
0.05 1
μA
Tj =150 °C
-
-
100
μA
IGSS
gate leakage current
VGS = ±20 V; VDS = 0 V
-
10
100
nA
RDSon
drain-source on-state resistance
VGS =10 V; ID =0.3 A; Figure 7 and 8
Tj =25 °C
-
780
920
m
Ω
Tj =150 °C
-
1445 1700 m
Ω
VGS = 4.5 V; ID =0.075 A; Figure 7 and 8
-1100 1400 m
Ω
Dynamic characteristics
QG(tot)
total gate charge
ID =1 A; VDD =30V; VGS =10V; Figure 13
-1.05 -
nC
QGS
gate-source charge
-
0.2
-
nC
QGD
gate-drain charge
-
0.22 -
nC
Ciss
input capacitance
VGS =0V; VDS = 30 V; f = 1 MHz; Figure 11
-23
-
pF
Coss
output capacitance
-
5
-
pF
Crss
reverse transfer capacitance
-
3.5
-
pF
td(on)
turn-on delay time
VDD =30 V; RL =30 Ω; VGS =10 V; RG =6 Ω
-2
-ns
tr
rise time
-4
-ns
td(off)
turn-off delay time
-
5
-
ns
tf
fall time
-2.2
-ns
Source-drain diode
VSD
source-drain voltage
IS = 0.3 A; VGS =0 V; Figure 12
-
0.83 1.2
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com