Electronic Components Datasheet Search
  English  ▼

X  

PMGD780SN Datasheet(PDF) 10 Page - Nexperia B.V. All rights reserved

Part # PMGD780SN
Description  Dual N-channel μTrenchMOS standard level FET
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

PMGD780SN Datasheet(HTML) 10 Page - Nexperia B.V. All rights reserved

Back Button PMGD780SN Datasheet HTML 6Page - Nexperia B.V. All rights reserved PMGD780SN Datasheet HTML 7Page - Nexperia B.V. All rights reserved PMGD780SN Datasheet HTML 8Page - Nexperia B.V. All rights reserved PMGD780SN Datasheet HTML 9Page - Nexperia B.V. All rights reserved PMGD780SN Datasheet HTML 10Page - Nexperia B.V. All rights reserved PMGD780SN Datasheet HTML 11Page - Nexperia B.V. All rights reserved PMGD780SN Datasheet HTML 12Page - Nexperia B.V. All rights reserved PMGD780SN Datasheet HTML 13Page - Nexperia B.V. All rights reserved PMGD780SN Datasheet HTML 14Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
PMGD780SN_2
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2010. All rights reserved.
Product data sheet
Rev. 02 — 19 April 2010
9 of 14
NXP Semiconductors
PMGD780SN
Dual N-channel
μTrenchMOS standard level FET
7. Package outline
Fig 14. Package outline SOT363 (SC-88)
REFERENCES
OUTLINE
VERSION
EUROPEAN
PROJECTION
ISSUE DATE
IEC
JEDEC
JEITA
SOT363
SC-88
wB
M
bp
D
e1
e
pin 1
index
A
A1
Lp
Q
detail X
HE
E
v M A
A
B
y
0
1
2 mm
scale
c
X
13
2
4
5
6
Plastic surface-mounted package; 6 leads
SOT363
UNIT
A1
max
bp
cD
E
e1
HE
Lp
Qy
w
v
mm
0.1
0.30
0.20
2.2
1.8
0.25
0.10
1.35
1.15
0.65
e
1.3
2.2
2.0
0.2
0.1
0.2
DIMENSIONS (mm are the original dimensions)
0.45
0.15
0.25
0.15
A
1.1
0.8
04-11-08
06-03-16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com