Electronic Components Datasheet Search
  English  ▼

X  

PMGD780SN Datasheet(PDF) 12 Page - Nexperia B.V. All rights reserved

Part # PMGD780SN
Description  Dual N-channel μTrenchMOS standard level FET
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

PMGD780SN Datasheet(HTML) 12 Page - Nexperia B.V. All rights reserved

Back Button PMGD780SN Datasheet HTML 7Page - Nexperia B.V. All rights reserved PMGD780SN Datasheet HTML 8Page - Nexperia B.V. All rights reserved PMGD780SN Datasheet HTML 9Page - Nexperia B.V. All rights reserved PMGD780SN Datasheet HTML 10Page - Nexperia B.V. All rights reserved PMGD780SN Datasheet HTML 11Page - Nexperia B.V. All rights reserved PMGD780SN Datasheet HTML 12Page - Nexperia B.V. All rights reserved PMGD780SN Datasheet HTML 13Page - Nexperia B.V. All rights reserved PMGD780SN Datasheet HTML 14Page - Nexperia B.V. All rights reserved PMGD780SN Datasheet HTML 15Page - Nexperia B.V. All rights reserved  
Zoom Inzoom in Zoom Outzoom out
 12 / 15 page
background image
PMGD780SN_2
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2010. All rights reserved.
Product data sheet
Rev. 02 — 19 April 2010
11 of 14
NXP Semiconductors
PMGD780SN
Dual N-channel
μTrenchMOS standard level FET
9. Revision history
Table 6.
Revision history
Document ID
Release date
Data sheet status
Change notice
Supersedes
PMGD780SN_2
20100419
Product data sheet
-
PMGD780SN_1
Modifications:
• The format of this data sheet has been redesigned to comply with the new identity
guidelines of NXP Semiconductors.
• Legal texts have been adapted to the new company name where appropriate.
• Table 5 “Characteristics”: added VGS(th) maximum value at condition Tj =25 °C
• Section 10 “Legal information”: updated
PMGD780SN_1
20040211
Product data
-
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com