Electronic Components Datasheet Search
  English  ▼

X  

PMGD780SN Datasheet(PDF) 7 Page - Nexperia B.V. All rights reserved

Part # PMGD780SN
Description  Dual N-channel μTrenchMOS standard level FET
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

PMGD780SN Datasheet(HTML) 7 Page - Nexperia B.V. All rights reserved

Back Button PMGD780SN Datasheet HTML 3Page - Nexperia B.V. All rights reserved PMGD780SN Datasheet HTML 4Page - Nexperia B.V. All rights reserved PMGD780SN Datasheet HTML 5Page - Nexperia B.V. All rights reserved PMGD780SN Datasheet HTML 6Page - Nexperia B.V. All rights reserved PMGD780SN Datasheet HTML 7Page - Nexperia B.V. All rights reserved PMGD780SN Datasheet HTML 8Page - Nexperia B.V. All rights reserved PMGD780SN Datasheet HTML 9Page - Nexperia B.V. All rights reserved PMGD780SN Datasheet HTML 10Page - Nexperia B.V. All rights reserved PMGD780SN Datasheet HTML 11Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
PMGD780SN_2
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2010. All rights reserved.
Product data sheet
Rev. 02 — 19 April 2010
6 of 14
NXP Semiconductors
PMGD780SN
Dual N-channel
μTrenchMOS standard level FET
Tj =25 °CTj =25 °C and 150 °C; VDS > ID × RDSon
Fig 5.
Output characteristics: drain current as a
function of drain-source voltage; typical
values
Fig 6.
Transfer characteristics: drain current as a
function of gate-source voltage; typical values
Tj =25 °C
Fig 7.
Drain-source on-state resistance as a function
of drain current; typical values
Fig 8.
Normalized drain-source on-state resistance
as a function of junction temperature
03an88
0
0.5
1
1.5
2
0123
VDS (V)
ID
(A)
10
6
5
3.5
4
4.5
VGS (V) = 3
03an90
0
0.2
0.4
0.6
0.8
1
01
23
45
VGS (V)
ID
(A)
Tj = 150
°C
25
°C
03an89
0
1
2
3
0
0.2
0.4
0.6
0.8
1
ID (A)
RDSon
(
Ω)
10
6
5
4
4.5
VGS (V) = 3.5
Tj (°C)
−60
180
120
060
03aa28
1.2
0.6
1.8
2.4
a
0
a
RDSon
R
DSon 25 C
°
()
-----------------------------
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com