Electronic Components Datasheet Search
  English  ▼

X  

MAX3370 Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX3370
Description  1uA, 2Mbps, Low-Voltage Level Translators in SC70
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX3370 Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX3370 Datasheet HTML 1Page - Maxim Integrated Products MAX3370 Datasheet HTML 2Page - Maxim Integrated Products MAX3370 Datasheet HTML 3Page - Maxim Integrated Products MAX3370 Datasheet HTML 4Page - Maxim Integrated Products MAX3370 Datasheet HTML 5Page - Maxim Integrated Products MAX3370 Datasheet HTML 6Page - Maxim Integrated Products MAX3370 Datasheet HTML 7Page - Maxim Integrated Products MAX3370 Datasheet HTML 8Page - Maxim Integrated Products MAX3370 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
General Description
The MAX3370/MAX3371 logic level translators are ideal
for applications interfacing low-voltage devices to other
logic levels. Externally applied voltages set the logic
levels of the MAX3370/MAX3371. The devices accept
VCC from +2.5V to +5.5V and VL from +1.6V to +5.5V,
allowing data transfer between low-voltage ASICs and
higher voltage devices. The MAX3371 features a shut-
down mode that reduces supply current to <1µA and
puts the I/O pins in a high-impedance state.
The MAX3370/MAX3371 are bidirectional level shifters,
allowing data transfer from the VCC side to the VL side
and from the VL side to the VCC side. Both devices
operate at speeds up to 2Mbps with an active driver
and up to 500kbps with an open-drain driver.
The MAX3370/MAX3371 are available in space-saving
5-pin and 6-pin SC70 packages, respectively.
________________________Applications
Cell Phone Cradles
Cell Phone Hands-Free Kits
Portable POS Systems
Portable Communication Devices
Smart Card Readers
SPI™, MICROWIRE™, and I2C™ Level Translation
Low-Voltage ASIC Level Translation
RS-232-Compatible Translation
Features
o Allow Bidirectional Level Translation
o Miniature SC70 Packages
o Operational Down to 1.6V
o Low Quiescent Current (<100µA)
o Ultra-Low (<1µA) Shutdown Supply Current
(MAX3371)
o Three-State Outputs in Shutdown (MAX3371)
o 2Mbps (10pF Load) Push-Pull Driving
o 1Mbps (50pF Load) Push-Pull Driving
o 500kbps (30pF Load) Open-Drain Driving
1µA, 2Mbps, Low-Voltage Level
Translators in SC70
________________________________________________________________ Maxim Integrated Products
1
GND
I/O VCC
I/O VL
15
VCC
VL
MAX3370
SC70-5
TOP VIEW
2
34
GND
I/O VCC
I/O VL
16
VCC
5
SHDN
VL
MAX3371
SC70-6
2
34
Pin Configurations
DATA
I/O VL
I/O VCC
1.8V
SYSTEM
CONTROLLER
+1.8V
+3.3V
3.3V SYSTEM
VL
SHDN
*
VCC
DATA
GND
GND
*MAX3371 ONLY
GND
MAX3370
MAX3371
Typical Operating Circuit
19-1847; Rev 1; 2/01
Ordering Information
I2C is a trademark of Philips Corp.
SPI is a trademark of Motorola, Inc.
MICROWIRE is a trademark of National Semiconductor Corp.
PART
TEMP.
RANGE
PIN-
PACKAGE
SHDN
TOP
MARK
MAX3370EXK-T
-40
°C to +85°C 5 SC70-5
NO
ABV
MAX3371EXT-T
-40
°C to +85°C 6 SC70-6
YES
AAO
For price, delivery, and to place orders, please contact Maxim Distribution at 1-888-629-4642,
or visit Maxim’s website at www.maxim-ic.com.
†MAX3370/MAX3371 covered by U.S. Patent number 5,894,240.


Similar Part No. - MAX3370

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3370ELT+T MAXIM-MAX3370ELT+T Datasheet
295Kb / 10P
1關A, 2Mbps, Low-Voltage Level Translators in SC70 and 關DFN
2009
MAX3370EXK+T MAXIM-MAX3370EXK+T Datasheet
295Kb / 10P
1關A, 2Mbps, Low-Voltage Level Translators in SC70 and 關DFN
2009
MAX3370 MAXIM-MAX3370_V01 Datasheet
295Kb / 10P
1關A, 2Mbps, Low-Voltage Level Translators in SC70 and 關DFN
2009
More results

Similar Description - MAX3370

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1740 MAXIM-MAX1740 Datasheet
327Kb / 12P
SIM/Smart Card Level Translators in uMAX
Rev 0; 1/00
MAX1840 MAXIM-MAX1840 Datasheet
290Kb / 8P
Low-Voltage SIM/Smart Card Level Translators in uMAX
Rev 0; 4/00
logo
NXP Semiconductors
AN10145 PHILIPS-AN10145 Datasheet
325Kb / 24P
Bi-directional low voltage translators
2004 Aug 11
logo
Maxim Integrated Produc...
MAX3372E MAXIM-MAX3372E_07 Datasheet
490Kb / 31P
±15kV ESD-Protected, 1μA, 16Mbps, Dual/Quad Low-Voltage Level Translators in UCSP
Rev 2; 11/07
MAX13000E MAXIM-MAX13000E Datasheet
291Kb / 25P
Ultra-Low-Voltage Level Translators Enable/Shutdown Control
Rev 1; 5/11
logo
Intersil Corporation
ISL3034E INTERSIL-ISL3034E_09 Datasheet
207Kb / 2P
Best-in-Class ESD Protected Level Translators
logo
Maxim Integrated Produc...
MAX3376EEKA MAXIM-MAX3376EEKA Datasheet
357Kb / 26P
±15kV ESD-Protected, 1uA, 16Mbps, Dual Quad Low-Voltage Level Translators in UCSP
Rev 3; 1/13
MAX3378EEBC MAXIM-MAX3378EEBC Datasheet
357Kb / 26P
±15kV ESD-Protected, 1uA, 16Mbps, Dual Quad Low-Voltage Level Translators in UCSP
Rev 3; 1/13
MAX3372E MAXIM-MAX3372E_14 Datasheet
357Kb / 26P
±15kV ESD-Protected, 1μA, 16Mbps, Dual/Quad Low-Voltage Level Translators in UCSP
Rev 3; 1/13
MAX3370 MAXIM-MAX3370_V01 Datasheet
295Kb / 10P
1關A, 2Mbps, Low-Voltage Level Translators in SC70 and 關DFN
2009
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com