Electronic Components Datasheet Search
  English  ▼

X  

MAX3370 Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX3370
Description  1uA, 2Mbps, Low-Voltage Level Translators in SC70
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX3370 Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX3370 Datasheet HTML 1Page - Maxim Integrated Products MAX3370 Datasheet HTML 2Page - Maxim Integrated Products MAX3370 Datasheet HTML 3Page - Maxim Integrated Products MAX3370 Datasheet HTML 4Page - Maxim Integrated Products MAX3370 Datasheet HTML 5Page - Maxim Integrated Products MAX3370 Datasheet HTML 6Page - Maxim Integrated Products MAX3370 Datasheet HTML 7Page - Maxim Integrated Products MAX3370 Datasheet HTML 8Page - Maxim Integrated Products MAX3370 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
1µA, 2Mbps, Low-Voltage Level
Translators in SC70
4
_______________________________________________________________________________________
Note 1: VL must always be less than or equal to VCC.
Note 2: All units are 100% production tested at TA = +25°C. Limits over the operating temperature range are guaranteed by design
and not production tested.
Note 3: Tested only at worst case: VCC = +2.5V, VL = +1.6V.
Note 4: 10% to 90%.
Note 5: Guaranteed by correlation to CLOAD = 50pF.
ELECTRICAL CHARACTERISTICS (continued)
(VCC = +2.5V to +5.5V, VL = +1.6V to +5.5V (Note 1), GND = 0; I/O VL, I/O VCC unconnected; TA = -40°C to +85°C, unless otherwise
noted. Typical values are at TA = +25°C.) (Note 2)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
CLOAD = 10pF, data rate = 2Mbps (Note 3)
5
CLOAD = 50pF, data rate = 1Mbps
8
LOW-to-HIGH Transition
Propagation Delay
Device-to-Device Skew
(Driving I/O VL)
CLOAD = 30pF, data rate = 500kbps,
open-drain drive
80
ns
CLOAD = 10pF, data rate = 2Mbps (Note 3)
2
CLOAD = 50pF, data rate = 1Mbps
4
HIGH-to-LOW Transition
Propagation Delay
Device-to-Device Skew
(Driving I/O VCC)
CLOAD = 30pF, data rate = 500kbps,
open-drain drive
5
ns
CLOAD = 10pF, data rate = 2Mbps (Note 3)
7
CLOAD = 50pF, data rate = 1Mbps
8
LOW-to-HIGH Transition
Propagation Delay
Device-to-Device Skew
(Driving I/O VCC)
CLOAD = 30pF, data rate = 500kbps,
open-drain drive
50
ns
CLOAD = 10pF (Note 5)
2
3
CLOAD = 50pF
1
2
Maximum Data Rate
CLOAD = 30pF, open-drain drive
0.5
1
Mbps



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com