Electronic Components Datasheet Search
  English  ▼

X  

MAX3370 Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAX3370
Description  1uA, 2Mbps, Low-Voltage Level Translators in SC70
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX3370 Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX3370 Datasheet HTML 1Page - Maxim Integrated Products MAX3370 Datasheet HTML 2Page - Maxim Integrated Products MAX3370 Datasheet HTML 3Page - Maxim Integrated Products MAX3370 Datasheet HTML 4Page - Maxim Integrated Products MAX3370 Datasheet HTML 5Page - Maxim Integrated Products MAX3370 Datasheet HTML 6Page - Maxim Integrated Products MAX3370 Datasheet HTML 7Page - Maxim Integrated Products MAX3370 Datasheet HTML 8Page - Maxim Integrated Products MAX3370 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
1µA, 2Mbps, Low-Voltage Level
Translators in SC70
_______________________________________________________________________________________
3
ELECTRICAL CHARACTERISTICS (continued)
(VCC = +2.5V to +5.5V, VL = +1.6V to +5.5V (Note 1), GND = 0; I/O VL, I/O VCC unconnected; TA = -40°C to +85°C, unless otherwise
noted. Typical values are at TA = +25°C.) (Note 2)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
TIMING CHARACTERISTICS (RLOAD = 1MΩ, VCC = +2.5V, VL = +1.6V, I/O test signal Rail-to-Rail® unless otherwise noted, Figure 1) (Note 3)
CLOAD = 10pF, data rate = 2Mbps (Note 5)
100
CLOAD = 50pF, data rate = 1Mbps
200
I/O VCC Rise Time
(Note 4)
tRVCC
CLOAD = 30pF, data rate = 500kbps,
open-drain drive
400
ns
CLOAD = 10pF, data rate = 2Mbps (Note 5)
50
CLOAD = 50pF, data rate = 1Mbps
200
I/O VCC Fall Time
(Note 4)
tFVCC
CLOAD = 30pF, data rate = 500kbps,
open-drain drive
400
ns
CLOAD = 10pF, data rate = 2Mbps (Note 5)
100
CLOAD = 50pF, data rate = 1Mbps
200
I/O VL Rise Time
(Note 4)
tRVL
CLOAD = 30pF, data rate = 500kbps,
open-drain drive
400
ns
CLOAD = 10pF, data rate = 2Mbps (Note 5)
50
CLOAD = 50pF, data rate = 1Mbps
200
I/O VL Fall Time
(Note 4)
tFVL
CLOAD = 30pF, data rate = 500kbps,
open-drain drive
400
ns
CLOAD = 10pF, data rate = 2Mbps (Note 5)
50
CLOAD = 50pF, data rate = 1Mbps
200
HIGH-to-LOW Transition
Propagation Delay
(Driving I/O VL)
tPD-VCC-HL
CLOAD = 30pF, data rate = 500kbps,
open-drain drive
400
ns
CLOAD = 10pF, data rate = 2Mbps (Note 5)
200
CLOAD = 50pF, data rate = 1Mbps
400
LOW-to-HIGH Transition
Propagation Delay
(Driving I/O VL)
tPD-VCC-LH
CLOAD = 30pF, data rate = 500kbps,
open-drain drive
800
ns
CLOAD = 10pF, data rate = 2Mbps (Note 5)
50
CLOAD = 50pF, data rate = 1Mbps
200
HIGH-to-LOW Transition
Propagation Delay
(Driving I/O VCC)
tPD-VL-HL
CLOAD = 30pF, data rate = 500kbps,
open-drain drive
400
ns
CLOAD = 10pF, data rate = 2Mbps (Note 5)
200
CLOAD = 50pF, data rate = 1Mbps
400
LOW-to-HIGH Transition
Propagation Delay
(Driving I/O VCC)
tPD-VL-LH
CLOAD = 30pF, data rate = 500kbps,
open-drain drive
800
ns
CLOAD = 10pF, data rate = 2Mbps (Note 3)
2
CLOAD = 50pF, data rate = 1Mbps
4
HIGH-to-LOW Transition
Propagation Delay
Device-to-Device Skew
(Driving I/O VL)
CLOAD = 30pF, data rate = 500kbps,
open-drain drive
5
ns
Rail-to-Rail is a registered trademark of Nippon Motorola Ltd.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com