Electronic Components Datasheet Search
  English  ▼

X  

MAX3370 Datasheet(PDF) 5 Page - Maxim Integrated Products

Part # MAX3370
Description  1uA, 2Mbps, Low-Voltage Level Translators in SC70
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX3370 Datasheet(HTML) 5 Page - Maxim Integrated Products

  MAX3370 Datasheet HTML 1Page - Maxim Integrated Products MAX3370 Datasheet HTML 2Page - Maxim Integrated Products MAX3370 Datasheet HTML 3Page - Maxim Integrated Products MAX3370 Datasheet HTML 4Page - Maxim Integrated Products MAX3370 Datasheet HTML 5Page - Maxim Integrated Products MAX3370 Datasheet HTML 6Page - Maxim Integrated Products MAX3370 Datasheet HTML 7Page - Maxim Integrated Products MAX3370 Datasheet HTML 8Page - Maxim Integrated Products MAX3370 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
1µA, 2Mbps, Low-Voltage Level
Translators in SC70
_______________________________________________________________________________________
5
+2.5V
+1.6V
GND
I/O VL
I/O VL
I/O VCC
I/O VCC
VL
VCC
tPD-VCC-LH
tPD-VCC-HL
MAX3370
MAX3371
tRVCC
tFVCC
DATA
CLOAD
RLOAD
tRISE, tFALL ≤10ns
+2.5V
+1.6V
GND
I/O VL
I/O VCC
I/O VL
I/O VCC
VL
VCC
tPD-VL-LH
tPD-VL-HL
MAX3370
MAX3371
tRVL
tFVL
DATA
RLOAD
CLOAD
tRISE, tFALL ≤10ns
+2.5V
+1.6V
GND
I/O VL
I/O VL
I/O VCC
I/O VCC
VL
VCC
tPD-VCC-LH
tPD-VCC-HL
MAX3370
MAX3371
tRVCC
tFVCC
DATA
CLOAD
RLOAD
tRISE, tFALL ≤10ns
+2.5V
+1.6V
GND
I/O VL
I/O VCC
I/O VL
I/O VCC
VL
VCC
tPD-VL-LH
tPD-VL-HL
MAX3370
MAX3371
tRVL
tFVL
DATA
RLOAD
CLOAD
tRISE, tFALL ≤10ns
Figure 1a. Rail-to-Rail Driving I/O VL
Figure 1b. Rail-to-Rail Driving I/O VCC
Figure 1c. Open-Drain Driving I/O VL
Figure 1d. Open-Drain Driving I/O VCC



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com