Electronic Components Datasheet Search
  English  ▼

X  

BTD21520 Datasheet(PDF) 11 Page - BASIC SEMICONDUCTOR

Part # BTD21520
Description  Dual-Channel Isolated Gate Driver
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BASICSEMI [BASIC SEMICONDUCTOR]
Direct Link  https://www.basicsemi.com/
Logo BASICSEMI - BASIC SEMICONDUCTOR

BTD21520 Datasheet(HTML) 11 Page - BASIC SEMICONDUCTOR

Back Button BTD21520 Datasheet HTML 7Page - BASIC SEMICONDUCTOR BTD21520 Datasheet HTML 8Page - BASIC SEMICONDUCTOR BTD21520 Datasheet HTML 9Page - BASIC SEMICONDUCTOR BTD21520 Datasheet HTML 10Page - BASIC SEMICONDUCTOR BTD21520 Datasheet HTML 11Page - BASIC SEMICONDUCTOR BTD21520 Datasheet HTML 12Page - BASIC SEMICONDUCTOR BTD21520 Datasheet HTML 13Page - BASIC SEMICONDUCTOR BTD21520 Datasheet HTML 14Page - BASIC SEMICONDUCTOR BTD21520 Datasheet HTML 15Page - BASIC SEMICONDUCTOR Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 19 page
background image
www.basicsemi.com
11/19
Rev.0.0
Dual-ChannelIsolatedGateDriver
BTD21520x
9.FunctionDescription
9.1BlockDiagram
Figure7.BlockDiagram
9.2InputandOutputLogicTable
When VCC and VDD are powered on, the relevant input and output logic information is as follows:
BTD21520M
BTD21520S
BTD21520E
INPUT
DIS
OUTPUT
DESCRIPTION
IN1
IN2
OUT1
OUT2
L
L
L or left open
L
L
If dead time function is used, output switching occurs after
the dead time ended.See Programmable Dead Time (DT) pin
L
H
L or left open
L
H
H
L
L or left open
H
L
Dead time stay open or programmed with RDT
H
H
L or left open
H
H
Dead time pin pulled to VCC
Left open Left open L or left open
L
L
-
X
X
H
L
L
-
1
4
7
Reinforced
Isolation
Functional Isolation
MOD
Deadti me
Control
MOD
VCC
200k
200k
200k
IN1
VCC
GND
DT
DIS
IN2
NC
10
OUT2
11 VDD2
9
VEE2
UVLO
15
OUT1
DEMOD
DEMOD
3,8
6
2
14
VEE1
16 VDD1
UVLO
5
INPUT
DIS
OUTPUT
DESCRIPTION
IN1
IN2
OUT1
OUT2
L
L
L or left open
L
L
No internal dead time setting, two output channels are inde-
pendent
L
H
L or left open
L
H
H
L
L or left open
H
L
H
H
L or left open
H
H
Left open Left open L or left open
L
L
-
X
X
H
L
L
-
PWMINPUT
DIS
OUTPUT
DESCRIPTION
OUT1
OUT2
H
L
H
L
If dead time function is used, output jumps after dead time ended.
See Programmable Dead Time (DT) pin
L/Left open
L
L
H
X
H
L
L
Device disabled
(1) "X" means L, H or left open.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com