Electronic Components Datasheet Search
  English  ▼

X  

BTD21520 Datasheet(PDF) 16 Page - BASIC SEMICONDUCTOR

Part # BTD21520
Description  Dual-Channel Isolated Gate Driver
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BASICSEMI [BASIC SEMICONDUCTOR]
Direct Link  https://www.basicsemi.com/
Logo BASICSEMI - BASIC SEMICONDUCTOR

BTD21520 Datasheet(HTML) 16 Page - BASIC SEMICONDUCTOR

Back Button BTD21520 Datasheet HTML 11Page - BASIC SEMICONDUCTOR BTD21520 Datasheet HTML 12Page - BASIC SEMICONDUCTOR BTD21520 Datasheet HTML 13Page - BASIC SEMICONDUCTOR BTD21520 Datasheet HTML 14Page - BASIC SEMICONDUCTOR BTD21520 Datasheet HTML 15Page - BASIC SEMICONDUCTOR BTD21520 Datasheet HTML 16Page - BASIC SEMICONDUCTOR BTD21520 Datasheet HTML 17Page - BASIC SEMICONDUCTOR BTD21520 Datasheet HTML 18Page - BASIC SEMICONDUCTOR BTD21520 Datasheet HTML 19Page - BASIC SEMICONDUCTOR  
Zoom Inzoom in Zoom Outzoom out
 16 / 19 page
background image
www.basicsemi.com
16/19
Rev.0.0
Dual-ChannelIsolatedGateDriver
BTD21520x
10.Applications
The following sections introduce the basic typical application of BASiC driver ICs, which is for reference only. In practi-
cal application, users need to verify and test its applicability according to their own design requirements to confirm the
system function.
10.1TypicalApplications
BASiC recommends that customers add a RC filter with a small time constant at the input port to filter out high-frequen-
cy interference without adding a large delay. It is recommended that the resistance value should be between 0 and 100Ω
and the capacitance should be less than 1000pF. When setting this parameter, the influence between high frequency
interference and delay needs to be taken into account.
To ensure the supply stability, BASiC recommends adding an appropriate capacitor between the power supply and
ground. It is recommended that the primary side supply VCC-GND be connected in parallel with 1uF+ 0.1uF capacitor
CVCC, and the secondary side supply VDD-VEE be connected with 10uF+ 0.22uF capacitors CVDD1 and CVDD2.
The bootstrap capacitor is charged by VDD through an external bootstrap diode every cycle when the low side transistor
turns on. Charging the capacitor involves high-peak currents, and therefore transient power dissipation in the bootstrap
diode may be significant. Conduction loss also depends on the diode’s forward voltage drop. Both the diode conduc-
tion losses and reverse recovery losses contribute to the total losses in the gate driver circuit.
The recommended value for RBOOT is between 1 Ω and 20 Ω depending on the diode used.
Figure13-1.BTD21520MApplicationDiagram
Figure13-2.BTD21520EApplicationDiagram
RBOOT
RGS
RON
ROFF DGATE
CVDD1
SW
VDD
VDD1
OUT1
VEE1
HV DC-Link
CIN
Functional
Isolation
RGS
RON
ROFF DGATE
CVDD2
VDD
VDD2
OUT2
VEE2
PWM
VCC
RIN
VCC
VCC
PWM
GND
DIS
DT
VCC
Analog or
Digital
Disable
RDIS
CDIS
RT
CDT
2.2nF
CIN
CVCC
3
1
4
5
8
6
16
15
14
11
10
9
RGS
RON
ROFF
DGATE
CVDD1
SW
VDD
VDD1
OUT1
VEE1
HV DC-Link
CIN
Functional
Isolation
RGS
RON
ROFF
DGATE
CVDD2
VDD
VDD2
OUT2
VEE2
VEE
IN1
VCC
RIN
VCC
GND
DIS
DT
VCC
Disable
RDIS
CDIS
RT
CDT
2.2nF
CIN
CVCC
3
1
4
5
8
6
16
15
14
11
10
9
IN2
2
VCC
PWM1
PWM2
Analog or
Digital
RBOOT
VEE
VEE
VEE
RBOOT
RGS
RON
ROFF DGATE
CVDD1
SW
VDD
VDD1
OUT1
VEE1
HV DC-Link
CIN
Functional
Isolation
RGS
RON
ROFF DGATE
CVDD2
VDD
VDD2
OUT2
VEE2
PWM
VCC
RIN
VCC
VCC
PWM
GND
DIS
DT
VCC
Analog or
Digital
Disable
RDIS
CDIS
RT
CDT
2.2nF
CIN
CVCC
3
1
4
5
8
6
16
15
14
11
10
9
RGS
RON
ROFF
DGATE
CVDD1
SW
VDD
VDD1
OUT1
VEE1
HV DC-Link
CIN
Functional
Isolation
RGS
RON
ROFF
DGATE
CVDD2
VDD
VDD2
OUT2
VEE2
VEE
IN1
VCC
RIN
VCC
GND
DIS
DT
VCC
Disable
RDIS
CDIS
RT
CDT
2.2nF
CIN
CVCC
3
1
4
5
8
6
16
15
14
11
10
9
IN2
2
VCC
PWM1
PWM2
Analog or
Digital
RBOOT
VEE
VEE
VEE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com