Electronic Components Datasheet Search
  English  ▼

X  

BTD21520 Datasheet(PDF) 14 Page - BASIC SEMICONDUCTOR

Part # BTD21520
Description  Dual-Channel Isolated Gate Driver
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BASICSEMI [BASIC SEMICONDUCTOR]
Direct Link  https://www.basicsemi.com/
Logo BASICSEMI - BASIC SEMICONDUCTOR

BTD21520 Datasheet(HTML) 14 Page - BASIC SEMICONDUCTOR

Back Button BTD21520 Datasheet HTML 10Page - BASIC SEMICONDUCTOR BTD21520 Datasheet HTML 11Page - BASIC SEMICONDUCTOR BTD21520 Datasheet HTML 12Page - BASIC SEMICONDUCTOR BTD21520 Datasheet HTML 13Page - BASIC SEMICONDUCTOR BTD21520 Datasheet HTML 14Page - BASIC SEMICONDUCTOR BTD21520 Datasheet HTML 15Page - BASIC SEMICONDUCTOR BTD21520 Datasheet HTML 16Page - BASIC SEMICONDUCTOR BTD21520 Datasheet HTML 17Page - BASIC SEMICONDUCTOR BTD21520 Datasheet HTML 18Page - BASIC SEMICONDUCTOR Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 19 page
background image
www.basicsemi.com
14/19
Rev.0.0
Dual-ChannelIsolatedGateDriver
BTD21520x
9.5.4 BTD21520EDeadTime
A dead time elapses before OUT1 or OUT2 goes high, so as to prevent the high and low side MOSFET shoot-through.
Figure10.LogicrelationshipbetweeninputandoutputsignalsofBTD21520E
9.6ProtectionFunction
9.6.1UVLO
There is an internal undervoltage lock-out (UVLO) on the power circuit function area between VDDx and VEE pins
of two out-puts.When the voltage of VDD is below the undervoltage recovery threshold before starting, or be-
low the undervoltage protection threshold after starting, the output will remain low regardless of the input state.
When the output of the driver is in powered-off or undervoltage state, its output is clamped to the low level by the ac-
tive clamping circuit, as shown in the figure below.At this time, the PMOS of the high side is blocked and high imped-
ance, and the NMOS gate of the low side is connected to the output of the driver by the resistor RCLAMP.In the absence of
bias voltage, the output is effectively clamped to the threshold voltage of the low-side NMOS device, typically around 1.5V
(see Figure 11-1).
Figure11-1 SimplifiedRepresentationofActivePulldownFeature
The VDDx undervoltage protection has a VVDD_HYS feature that prevents vibration in the presence of noise
from the power supply to ground. This also allows the device to accept a small decrease in bias volt-
age when the device starts to turn on/off and the operating current consumption increases abruptly.
Like the VDDx, there is also an undervoltage lock-out (UVLO) integrated on the primary side of the VCC.When the bias
voltage is applied to the VCC terminal and the voltage is lower than the undervoltage turn-on threshold, the device will
not be activated.After the activation of the device, if the VCC voltage continuously decreases to the undervoltage turn-
off threshold, the signal will stop transmission.Like the undervoltage lockout of VDD, the undervoltage lockout of VCC
also has hysteresis feature.
DT
OUT2
OUT1
PWM
VEE
VDD
Output
Control
RCLAMP
OUT
RCLAMP is activated
During UVLO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com