Electronic Components Datasheet Search
  English  ▼

X  

SST25VF040 Datasheet(PDF) 23 Page - Silicon Storage Technology, Inc

Part # SST25VF040
Description  2 Mbit / 4 Mbit SPI Serial Flash
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SST [Silicon Storage Technology, Inc]
Direct Link  http://www.sst.com/
Logo SST - Silicon Storage Technology, Inc

SST25VF040 Datasheet(HTML) 23 Page - Silicon Storage Technology, Inc

Back Button SST25VF040 Datasheet HTML 15Page - Silicon Storage Technology, Inc SST25VF040 Datasheet HTML 16Page - Silicon Storage Technology, Inc SST25VF040 Datasheet HTML 17Page - Silicon Storage Technology, Inc SST25VF040 Datasheet HTML 18Page - Silicon Storage Technology, Inc SST25VF040 Datasheet HTML 19Page - Silicon Storage Technology, Inc SST25VF040 Datasheet HTML 20Page - Silicon Storage Technology, Inc SST25VF040 Datasheet HTML 21Page - Silicon Storage Technology, Inc SST25VF040 Datasheet HTML 22Page - Silicon Storage Technology, Inc SST25VF040 Datasheet HTML 23Page - Silicon Storage Technology, Inc  
Zoom Inzoom in Zoom Outzoom out
 23 / 23 page
background image
EOL Product Data Sheet
2 Mbit / 4 Mbit SPI Serial Flash
SST25VF040
23
©2006 Silicon Storage Technology, Inc.
S71231(04)-00-000
10/06
FIGURE 23: 8-contact Very-very-thin Small Outline No-lead (WSON)
SST Package Code: QA
TABLE 12: Revision History
Number
Description
Date
00
Initial release of S71231(04) EOL of SST25VF040
Oct 2006
Note: 1. All linear dimensions are in millimeters (max/min).
2. Untoleranced dimensions (shown with box surround)
are nominal target dimensions.
3. The external paddle is electrically connected to the
die back-side and possibly to certain VSS leads.
This paddle can be soldered to the PC board;
it is suggested to connect this paddle to the VSS of the unit.
Connection of this paddle to any other voltage potential can
result in shorts and/or electrical malfunction of the device.
8-wson-5x6-QA-9.0
4.0
1.27 BSC
Pin #1
0.48
0.35
0.076
3.4
5.00 ± 0.10
6.00 ± 0.10
0.05 Max
0.70
0.50
0.80
0.70
0.80
0.70
Pin #1
Corner
TOP VIEW
BOTTOM VIEW
CROSS SECTION
SIDE VIEW
1mm
0.2
Silicon Storage Technology, Inc. • 1171 Sonora Court • Sunnyvale, CA 94086 • Telephone 408-735-9110 • Fax 408-735-9036
www.SuperFlash.com or www.sst.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com