Electronic Components Datasheet Search
  English  ▼

X  

UPD166010 Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # UPD166010
Description  MOS INTEGRATED CIRCUIT
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPD166010 Datasheet(HTML) 4 Page - Renesas Technology Corp

  UPD166010 Datasheet HTML 1Page - Renesas Technology Corp UPD166010 Datasheet HTML 2Page - Renesas Technology Corp UPD166010 Datasheet HTML 3Page - Renesas Technology Corp UPD166010 Datasheet HTML 4Page - Renesas Technology Corp UPD166010 Datasheet HTML 5Page - Renesas Technology Corp UPD166010 Datasheet HTML 6Page - Renesas Technology Corp UPD166010 Datasheet HTML 7Page - Renesas Technology Corp UPD166010 Datasheet HTML 8Page - Renesas Technology Corp UPD166010 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 27 page
background image
Data Sheet S19689EJ2V0DS
2
μPD166010
Tab
1 2 3 45
BLOCK DIAGRAM
Charge pump
Current sense
Output voltage
sense
Power supply
voltage sense
Temperature
Sensor
Current
detector
ESD
protection
ESD
protection
Fault signal
output
VCC
OUT
IS
IN
Internal
power supply
RIS
Load
4
2
1 & 5
3 & Tab
Dynamic
clamp
VOUT
Von
VIS
IIS
IL
ICC
VIN
IIN
VCC - VIN
VCC
Charge pump
Current sense
Output voltage
sense
Power supply
voltage sense
Temperature
Sensor
Current
detector
ESD
protection
ESD
protection
Fault signal
output
VCC
OUT
IS
IN
Internal
power supply
RIS
Load
4
2
1 & 5
3 & Tab
Dynamic
clamp
VOUT
Von
VIS
IIS
IL
ICC
VIN
IIN
VCC - VIN
VCC
PIN CONFIGURATION
Pin No.
Terminal Name
Function
1
OUT
Output to load: pin 1 and 5 must be externally shorted.
2
IN
Input; activates the power switch, if shorted to ground.
3&Tab
VCC
Supply Voltage: tab and pin 3 are internally shorted.
4
IS
Sense Output: diagnostic feedback
Note
5
OUT
Output to load: pin 1 and 5 must be externally shorted.
Note If current sense and diagnostic features are not used, IS terminal has to be connected to GND via resistor.
Output voltage
clamp



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com