Electronic Components Datasheet Search
  English  ▼

X  

UPD166010 Datasheet(PDF) 8 Page - Renesas Technology Corp

Part # UPD166010
Description  MOS INTEGRATED CIRCUIT
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPD166010 Datasheet(HTML) 8 Page - Renesas Technology Corp

Back Button UPD166010 Datasheet HTML 4Page - Renesas Technology Corp UPD166010 Datasheet HTML 5Page - Renesas Technology Corp UPD166010 Datasheet HTML 6Page - Renesas Technology Corp UPD166010 Datasheet HTML 7Page - Renesas Technology Corp UPD166010 Datasheet HTML 8Page - Renesas Technology Corp UPD166010 Datasheet HTML 9Page - Renesas Technology Corp UPD166010 Datasheet HTML 10Page - Renesas Technology Corp UPD166010 Datasheet HTML 11Page - Renesas Technology Corp UPD166010 Datasheet HTML 12Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 27 page
background image
Data Sheet S19689EJ2V0DS
6
μPD166010
DIAGNOSTIC CHARACTERISTICS (VCC = 12 V, Tch = 25
°C, unless otherwise specified)
Parameter
Symbol
Test Conditions
Min.
Typ.
Max.
Unit
KILIS = IL/IIS
VIS < VOUT
− 6 V, IIS < IIS,lim
IL = 30 A
Tch =
−40°C
8300
9200
11000
Tch = 25
°C
8300
9200
10600
Tch = 150
°C
8400
9300
10200
IL = 7.5 A
Tch =
−40°C
7500
9200
11400
Tch = 25
°C
8000
9300
10800
Tch = 150
°C
8300
9300
10400
IL = 2.5 A
Tch =
−40°C
7100
10200
13400
Tch = 25
°C
7700
10000
12500
Tch = 150
°C
8000
9800
12000
IL = 0.5 A
Tch =
−40°C
5000
12000
21000
Tch = 25
°C
5500
11500
17000
Current sense ratio
KILIS
Tch = 150
°C
6000
11500
16000
Sense current offset current
IIS,offset
VIN = 0 V, IL = 0 A
−
0.1
1
μA
Sense current under fault
condition
IIS,fault
Under fault conditions
8 V < VCC
− VIS < 12 V,
Tch =
−40 to 150°C
3.5
6.0
12.0
mA
Sense current saturation
current
IIS,lim
Vis < Vout
− 6 V,
Tch =
−40 to 150°C
3.5
7.0
12.0
mA
Fault sense signal delay after
short circuit detection
Note
tsdelay(fault)
Tch =
−40 to 150°C
−
2
6
μs
Sense current leakage current
IIS(LL)
IIN = 0 A
−
0.1
0.5
μA
Current sense settling time
after input current positive
slope
Note
tson(IS)
Tch =
−40 to 150°C,
IL = 0 A
20 A
−
250
1000
μs
Current sense settling time
during on condition
Note
Tsic(IS)
Tch =
−40 to 150°C,
IL = 10 A
20 A
−
50
100
μs
Note Not subject to production test, specified by design.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com