Electronic Components Datasheet Search
  English  ▼

X  

UPD166010 Datasheet(PDF) 17 Page - Renesas Technology Corp

Part # UPD166010
Description  MOS INTEGRATED CIRCUIT
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPD166010 Datasheet(HTML) 17 Page - Renesas Technology Corp

Back Button UPD166010 Datasheet HTML 13Page - Renesas Technology Corp UPD166010 Datasheet HTML 14Page - Renesas Technology Corp UPD166010 Datasheet HTML 15Page - Renesas Technology Corp UPD166010 Datasheet HTML 16Page - Renesas Technology Corp UPD166010 Datasheet HTML 17Page - Renesas Technology Corp UPD166010 Datasheet HTML 18Page - Renesas Technology Corp UPD166010 Datasheet HTML 19Page - Renesas Technology Corp UPD166010 Datasheet HTML 20Page - Renesas Technology Corp UPD166010 Datasheet HTML 21Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 27 page
background image
Data Sheet S19689EJ2V0DS
15
μPD166010
IIN
VOUT
90%
10%
ton
toff
25%
50%
dV/dton
25%
50%
-dV/dtoff
IIS
tson(IS)
tSIC(IS)
tSIC(IS)
IIN
Measurement condition
Switching waveform of OUT Terminal
Switching waveform of IS terminal



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com