Electronic Components Datasheet Search
  English  ▼

X  

UPD166010 Datasheet(PDF) 9 Page - Renesas Technology Corp

Part # UPD166010
Description  MOS INTEGRATED CIRCUIT
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPD166010 Datasheet(HTML) 9 Page - Renesas Technology Corp

Back Button UPD166010 Datasheet HTML 5Page - Renesas Technology Corp UPD166010 Datasheet HTML 6Page - Renesas Technology Corp UPD166010 Datasheet HTML 7Page - Renesas Technology Corp UPD166010 Datasheet HTML 8Page - Renesas Technology Corp UPD166010 Datasheet HTML 9Page - Renesas Technology Corp UPD166010 Datasheet HTML 10Page - Renesas Technology Corp UPD166010 Datasheet HTML 11Page - Renesas Technology Corp UPD166010 Datasheet HTML 12Page - Renesas Technology Corp UPD166010 Datasheet HTML 13Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 27 page
background image
Data Sheet S19689EJ2V0DS
7
μPD166010
IIN
VOUT
VCC
0
0
t
ON
ON
OFF
OFF
IIN
VOUT
IL
VCC
0
0
0
t
IIS
0
IIN
VOUT
IL
0
0
0
t
IIS
0
IIS,lim
IIN
Logic
VZ,IN
IN
VCC
ZD
RCC
FEATURES DESCLIPTION
Driver Circuit (On-Off Control)
The high-side output is turned on, if the input pin is shorted to ground. The input current is below IIH. The high-side
output is turned off, if the input pin is open or the input current is below IIL. RCC is 100
Ω typ. ESD protection diode:
46 V typ.
Switching a resistive load
Switching lamps



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com