Electronic Components Datasheet Search
  English  ▼

X  

OPA627 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # OPA627
Description  Precision High-Speed Difet OPERATIONAL AMPLIFIERS
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA627 Datasheet(HTML) 5 Page - Texas Instruments

  OPA627 Datasheet HTML 1Page - Texas Instruments OPA627 Datasheet HTML 2Page - Texas Instruments OPA627 Datasheet HTML 3Page - Texas Instruments OPA627 Datasheet HTML 4Page - Texas Instruments OPA627 Datasheet HTML 5Page - Texas Instruments OPA627 Datasheet HTML 6Page - Texas Instruments OPA627 Datasheet HTML 7Page - Texas Instruments OPA627 Datasheet HTML 8Page - Texas Instruments OPA627 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
5
®
OPA627, 637
TYPICAL PERFORMANCE CURVES (CONT)
At TA = +25°C, and VS = ±15V, unless otherwise noted.
OPEN-LOOP GAIN vs TEMPERATURE
Temperature (°C)
125
120
115
110
105
–75
–50
–25
0
25
50
75
100
125
OPEN-LOOP OUTPUT IMPEDANCE vs FREQUENCY
Frequency (Hz)
100
80
60
40
20
0
2
20
200
2k
20k
200k
2M
20M
COMMON-MODE REJECTION vs FREQUENCY
Frequency (Hz)
140
120
100
80
60
40
20
0
1
10
100
1k
10k
100k
1M
10M
OPA627
OPA637
COMMON-MODE REJECTION vs
INPUT COMMON MODE VOLTAGE
130
120
110
100
90
80
Common-Mode Voltage (V)
–15
–10
–5
0
5
10
15
POWER-SUPPLY REJECTION vs FREQUENCY
Frequency (Hz)
140
120
100
80
60
40
20
0
1
–V
S PSRR 627
and 637
+V
S PSRR 627
637
10
100
1k
10k
100k
1M
10M
POWER-SUPPLY REJECTION AND COMMON-MODE
REJECTION vs TEMPERATURE
Temperature (°C)
125
120
115
110
105
–75
PSR
CMR
–50
–25
0
25
50
75
100
125



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com