Electronic Components Datasheet Search
  English  ▼

X  

OPA627 Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # OPA627
Description  Precision High-Speed Difet OPERATIONAL AMPLIFIERS
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA627 Datasheet(HTML) 7 Page - Texas Instruments

Back Button OPA627 Datasheet HTML 3Page - Texas Instruments OPA627 Datasheet HTML 4Page - Texas Instruments OPA627 Datasheet HTML 5Page - Texas Instruments OPA627 Datasheet HTML 6Page - Texas Instruments OPA627 Datasheet HTML 7Page - Texas Instruments OPA627 Datasheet HTML 8Page - Texas Instruments OPA627 Datasheet HTML 9Page - Texas Instruments OPA627 Datasheet HTML 10Page - Texas Instruments OPA627 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
7
®
OPA627, 637
TYPICAL PERFORMANCE CURVES (CONT)
At TA = +25°C, and VS = ±15V, unless otherwise noted.
INPUT BIAS AND OFFSET CURRENT
vs JUNCTION TEMPERATURE
Junction Temperature (°C)
10k
1k
100
10
1
0.1
–50
–25
0
25
50
75
100
125
150
I
B
I
OS
INPUT BIAS CURRENT
vs POWER SUPPLY VOLTAGE
Supply Voltage (±V
S)
20
15
10
5
0
±4
±6
±8
±10
±12
±14
±16
±18
NOTE: Measured fully
warmed-up.
TO-99 with 0807HS Heat Sink
TO-99
Plastic
DIP, SOIC
INPUT BIAS CURRENT vs COMMON-MODE VOLTAGE
Common-Mode Voltage (V)
1.2
1.1
1
0.9
0.8
–15
–10
–5
0
5
10
15
Beyond Linear
Common-Mode Range
Beyond Linear
Common-Mode Range
INPUT OFFSET VOLTAGE WARM-UP vs TIME
Time From Power Turn-On (Min)
50
25
0
–25
–50
0
1
2
3
4
5
6
MAX OUTPUT VOLTAGE vs FREQUENCY
Frequency (Hz)
30
20
10
0
100k
1M
10M
100M
OPA627
OPA637
SETTLING TIME vs CLOSED-LOOP GAIN
100
10
1
0.1
–1
–10
–100
–1000
Closed-Loop Gain (V/V)
Error Band: ±0.01%
OPA637
OPA627



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com