Electronic Components Datasheet Search
  English  ▼

X  

OPA627 Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # OPA627
Description  Precision High-Speed Difet OPERATIONAL AMPLIFIERS
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA627 Datasheet(HTML) 9 Page - Texas Instruments

Back Button OPA627 Datasheet HTML 5Page - Texas Instruments OPA627 Datasheet HTML 6Page - Texas Instruments OPA627 Datasheet HTML 7Page - Texas Instruments OPA627 Datasheet HTML 8Page - Texas Instruments OPA627 Datasheet HTML 9Page - Texas Instruments OPA627 Datasheet HTML 10Page - Texas Instruments OPA627 Datasheet HTML 11Page - Texas Instruments OPA627 Datasheet HTML 12Page - Texas Instruments OPA627 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
9
®
OPA627, 637
–
+
C
2
C
1
R
2
R
1
OPA637
C
1 = CIN + CSTRAY
C
2 =
R
1 C1
R
2
OFFSET VOLTAGE ADJUSTMENT
The OPA627/637 is laser-trimmed for low offset voltage
and drift, so many circuits will not require external adjust-
ment. Figure 3 shows the optional connection of an external
potentiometer to adjust offset voltage. This adjustment should
not be used to compensate for offsets created elsewhere in a
system (such as in later amplification stages or in an A/D
converter) because this could introduce excessive tempera-
ture drift. Generally, the offset drift will change by approxi-
mately 4
µV/°C for 1mV of change in the offset voltage due
to an offset adjustment (as shown on Figure 3).
FIGURE 2. Circuits with Noise Gain Equal to or Greater than
Five May Use the OPA637.
amp contributes little additional noise. Below 1k
Ω, op amp
noise dominates over the resistor noise, but compares
favorably with precision bipolar op amps.
CIRCUIT LAYOUT
As with any high speed, wide bandwidth circuit, careful
layout will ensure best performance. Make short, direct
interconnections and avoid stray wiring capacitance—espe-
cially at the input pins and feedback circuitry.
The case (TO-99 metal package only) is internally connected
to the negative power supply as it is with most common op
amps. Pin 8 of the plastic DIP, SOIC, and TO-99 packages
has no internal connection.
Power supply connections should be bypassed with good
high frequency capacitors positioned close to the op amp
pins. In most cases 0.1
µF ceramic capacitors are adequate.
The OPA627/637 is capable of high output current (in
excess of 45mA). Applications with low impedance loads or
capacitive loads with fast transient signals demand large
currents from the power supplies. Larger bypass capacitors
such as 1
µF solid tantalum capacitors may improve dynamic
performance in these applications.
NOISE PERFORMANCE
Some bipolar op amps may provide lower voltage noise
performance, but both voltage noise and bias current noise
contribute to the total noise of a system. The OPA627/637
is unique in providing very low voltage noise and very low
current noise. This provides optimum noise performance
over a wide range of sources, including reactive source
impedances. This can be seen in the performance curve
showing the noise of a source resistor combined with the
noise of an OPA627. Above a 2k
Ω source resistance, the op
FIGURE 4. Connection of Input Guard for Lowest IB.
Board Layout for Input Guarding:
Guard top and bottom of board.
Alternate—use Teflon® standoff for sen-
sitive input pins.
Teflon® E.I. du Pont de Nemours & Co.
–
+
2
3
In
Non-inverting
6
OPA627
Out
–
+
2
3
In
Inverting
6
OPA627
Out
–
+
2
3
In
Buffer
6
OPA627
Out
3
2
4
5
6
7
8
No Internal Connection
1
TO-99 Bottom View
To Guard Drive
–
+
2
3
7
1
5
6
+V
S
–V
S
OPA627/637
100k
Ω
10k
Ω to 1MΩ
Potentiometer
(100k
Ω preferred)
±10mV Typical
Trim Range
4
FIGURE 3. Optional Offset Voltage Trim Circuit.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com