Electronic Components Datasheet Search
  English  ▼

X  

OPA627 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # OPA627
Description  Precision High-Speed Difet OPERATIONAL AMPLIFIERS
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA627 Datasheet(HTML) 1 Page - Texas Instruments

  OPA627 Datasheet HTML 1Page - Texas Instruments OPA627 Datasheet HTML 2Page - Texas Instruments OPA627 Datasheet HTML 3Page - Texas Instruments OPA627 Datasheet HTML 4Page - Texas Instruments OPA627 Datasheet HTML 5Page - Texas Instruments OPA627 Datasheet HTML 6Page - Texas Instruments OPA627 Datasheet HTML 7Page - Texas Instruments OPA627 Datasheet HTML 8Page - Texas Instruments OPA627 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
FEATURES
q VERY LOW NOISE: 4.5nV/
√Hz at 10kHz
q FAST SETTLING TIME:
OPA627—550ns to 0.01%
OPA637—450ns to 0.01%
q LOW V
OS: 100µV max
q LOW DRIFT: 0.8
µV/°C max
q LOW I
B: 5pA max
q OPA627: Unity-Gain Stable
q OPA637: Stable in Gain
≥ 5
OPA627
OPA637
DESCRIPTION
The OPA627 and OPA637 Difet operational amplifi-
ers provide a new level of performance in a precision
FET op amp. When compared to the popular OPA111
op amp, the OPA627/637 has lower noise, lower offset
voltage, and much higher speed. It is useful in a broad
range of precision and high speed analog circuitry.
The OPA627/637 is fabricated on a high-speed, dielec-
trically-isolated complementary NPN/PNP process. It
operates over a wide range of power supply voltage—
±4.5V to ±18V. Laser-trimmed Difet input circuitry
provides high accuracy and low-noise performance
comparable with the best bipolar-input op amps.
High frequency complementary transistors allow in-
creased circuit bandwidth, attaining dynamic perform-
ance not possible with previous precision FET op
amps. The OPA627 is unity-gain stable. The OPA637
is stable in gains equal to or greater than five.
Difet fabrication achieves extremely low input bias
currents without compromising input voltage noise
performance. Low input bias current is maintained
over a wide input common-mode voltage range with
unique cascode circuitry.
The OPA627/637 is available in plastic DIP, SOIC
and metal TO-99 packages. Industrial and military
temperature range models are available.
Difet ®, Burr-Brown Corp.
®
Precision High-Speed
Difet ® OPERATIONAL AMPLIFIERS
APPLICATIONS
q PRECISION INSTRUMENTATION
q FAST DATA ACQUISITION
q DAC OUTPUT AMPLIFIER
q OPTOELECTRONICS
q SONAR, ULTRASOUND
q HIGH-IMPEDANCE SENSOR AMPS
q HIGH-PERFORMANCE AUDIO CIRCUITRY
q ACTIVE FILTERS
Trim
5
Trim
1
+In
3
–In
2
Output
6
7
+V
S
–V
S
4
©1989 Burr-Brown Corporation
PDS-998H
Printed in U.S.A. March, 1998
International Airport Industrial Park • Mailing Address: PO Box 11400, Tucson, AZ 85734 • Street Address: 6730 S. Tucson Blvd., Tucson, AZ 85706 • Tel: (520) 746-1111 • Twx: 910-952-1111
Internet: http://www.burr-brown.com/ • FAXLine: (800) 548-6133 (US/Canada Only) • Cable: BBRCORP • Telex: 066-6491 • FAX: (520) 889-1510 • Immediate Product Info: (800) 548-6132
OPA627
OPA627
SBOS165


Similar Part No. - OPA627

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA627 TI-OPA627 Datasheet
381Kb / 27P
WIDEBAND, FET-INPUT OPERATIONAL AMPLIFIER
logo
Burr-Brown (TI)
OPA627 BURR-BROWN-OPA627 Datasheet
256Kb / 13P
Precision High-Speed Difet OPERATIONAL AMPLIFIERS
logo
Texas Instruments
OPA627 TI-OPA627 Datasheet
390Kb / 20P
1.6GHz, Low-Noise, FET-Input OPERATIONAL AMPLIFIER
OPA627 TI-OPA627 Datasheet
814Kb / 25P
Wideband, Unity-Gain Stable, FET-Input OPERATIONAL AMPLIFIER
OPA627 TI1-OPA627 Datasheet
1Mb / 35P
HIGH-VOLTAGE, HIGH SLEW RATE, WIDEBAND FET-INPUT OPERATIONAL AMPLIFIER
More results

Similar Description - OPA627

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TS512 STMICROELECTRONICS-TS512 Datasheet
54Kb / 7P
HIGH SPEED PRECISION DUAL OPERATIONAL AMPLIFIERS
Mar-1998
logo
Burr-Brown (TI)
OPA404 BURR-BROWN-OPA404 Datasheet
228Kb / 11P
Quad High-Speed Precision Difet OPERATIONAL AMPLIFIER
OPA602 BURR-BROWN-OPA602 Datasheet
150Kb / 9P
High-Speed Precision Difet OPERATIONAL AMPLIFIER
OPA627 BURR-BROWN-OPA627 Datasheet
256Kb / 13P
Precision High-Speed Difet OPERATIONAL AMPLIFIERS
logo
Texas Instruments
OPA602BPG4 TI-OPA602BPG4 Datasheet
405Kb / 15P
High-Speed Precision Difet OPERATIONAL AMPLIFIER
OPA627AU TI-OPA627AU Datasheet
982Kb / 23P
Precision High-Speed Difet 짰 OPERATIONAL AMPLIFIERS
OPA627AM TI1-OPA627AM Datasheet
982Kb / 23P
Precision High-Speed Difet 짰 OPERATIONAL AMPLIFIERS
OPA404KUG4 TI-OPA404KUG4 Datasheet
760Kb / 16P
Quad High-Speed Precision Difet 짰 OPERATIONAL AMPLIFIER
OPA627-DIE TI-OPA627-DIE Datasheet
110Kb / 6P
OPA627-DIE Precision High-Speed DIFET Operational Amplifier
OPA627 TI1-OPA627 Datasheet
1Mb / 37P
Precision High-Speed Difet Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com