Electronic Components Datasheet Search
  English  ▼

X  

MAS9279 Datasheet(PDF) 4 Page - Micro Analog systems

Part # MAS9279
Description  IC FOR 10.00 - 52.00 MHz VCTCXO
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAS [Micro Analog systems]
Direct Link  http://www.mas-oy.com
Logo MAS - Micro Analog systems

MAS9279 Datasheet(HTML) 4 Page - Micro Analog systems

  MAS9279 Datasheet HTML 1Page - Micro Analog systems MAS9279 Datasheet HTML 2Page - Micro Analog systems MAS9279 Datasheet HTML 3Page - Micro Analog systems MAS9279 Datasheet HTML 4Page - Micro Analog systems MAS9279 Datasheet HTML 5Page - Micro Analog systems MAS9279 Datasheet HTML 6Page - Micro Analog systems MAS9279 Datasheet HTML 7Page - Micro Analog systems MAS9279 Datasheet HTML 8Page - Micro Analog systems MAS9279 Datasheet HTML 9Page - Micro Analog systems Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
DA9279.003
13 July 2006
4 (10)
IC OUTLINES
Figure 1. MAS9279A1, A3, A5, A7
Figure 2. MAS9279A2, A4, A6, A8
Note 1: MAS9279 pads are round with 80 µm diameter at opening.
Note 2: Pin CLK can either be connected to VSS or left floating, pin PV should be connected to Ground or left
floating and pin TE1 must be left floating in VCTCXO module end-user application.
Note 3: Die map reference is the actual left bottom corner of the sawn chip.
SAMPLES IN SB20 DIL PACKAGE
2
1
20
3
4
5
6
7
8
9
10
19
18
17
16
15
14
13
12
11
VC
VSS
X2
CLK
PV
VDD
Top marking:
YYWW = Year, Week
XXXXX.X = Lot number
TE1
DA
X1
OUT
TE2
MAS9279
VDD
PV
CLK
DA
TE1
X2
VC
X1
OUT
VSS
TE2
1506um
2202um
Die map reference
MAS9279
VDD
PV
CLK
DA
TE1
X2
VC
X1
OUT
VSS
TE2
1506um
2202um
Die map reference



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com