Electronic Components Datasheet Search
  English  ▼

X  

MAS9279 Datasheet(PDF) 9 Page - Micro Analog systems

Part # MAS9279
Description  IC FOR 10.00 - 52.00 MHz VCTCXO
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAS [Micro Analog systems]
Direct Link  http://www.mas-oy.com
Logo MAS - Micro Analog systems

MAS9279 Datasheet(HTML) 9 Page - Micro Analog systems

Back Button MAS9279 Datasheet HTML 2Page - Micro Analog systems MAS9279 Datasheet HTML 3Page - Micro Analog systems MAS9279 Datasheet HTML 4Page - Micro Analog systems MAS9279 Datasheet HTML 5Page - Micro Analog systems MAS9279 Datasheet HTML 6Page - Micro Analog systems MAS9279 Datasheet HTML 7Page - Micro Analog systems MAS9279 Datasheet HTML 8Page - Micro Analog systems MAS9279 Datasheet HTML 9Page - Micro Analog systems MAS9279 Datasheet HTML 10Page - Micro Analog systems  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
DA9279.003
13 July 2006
9 (10)
ORDERING INFORMATION
Product Code
Product
TE OUTPUT
In QFN10
Package
Comments
MAS9279A1TG00
IC FOR VCTCXO
EWS Tested wafers 215 µm
For 8pF
Crystal load
MAS9279A1HH06
IC FOR VCTCXO
TE1
QFN10, T&R, 3.000 pcs/reel;
Pb free, RoHS compliant
For 8pF
Crystal load
MAS9279A2TG00
IC FOR VCTCXO
EWS Tested wafers 215 µm
For 10pF
Crystal load
MAS9279A2HH06
IC FOR VCTCXO
TE2
QFN10, T&R, 3.000 pcs/reel;
Pb free, RoHS compliant
For 10pF
Crystal load
MAS9279A3TG00
IC FOR VCTCXO
Frequency output f0/2
EWS Tested wafers 215 µm
For 8pF
Crystal load
MAS9279A3HH06
IC FOR VCTCXO
Frequency output f0/2
TE1
QFN10, T&R, 3.000 pcs/reel;
Pb free, RoHS compliant
For 8pF
Crystal load
MAS9279A4TG00
IC FOR VCTCXO
Frequency output f0/2
EWS Tested wafers 215 µm
For 10pF
Crystal load
MAS9279A4HH06
IC FOR VCTCXO
Frequency output f0/2
TE2
QFN10, T&R, 3.000 pcs/reel;
Pb free, RoHS compliant
For 10pF
Crystal load
MAS9279A5TG00
IC FOR TCXO
EWS Tested wafers 215 µm
For 8pF
Crystal load
MAS9279A5HH06
IC FOR TCXO
TE1
QFN10, T&R, 3.000 pcs/reel;
Pb free, RoHS compliant
For 8pF
Crystal load
MAS9279A6TG00
IC FOR TCXO
EWS Tested wafers 215 µm
For 10pF
Crystal load
MAS9279A6HH06
IC FOR TCXO
TE2
QFN10, T&R, 3.000 pcs/reel;
Pb free, RoHS compliant
For 10pF
Crystal load
MAS9279A7TG00
IC FOR TCXO
Frequency output f0/2
EWS Tested wafers 215 µm
For 8pF
Crystal load
MAS9279A7HH06
IC FOR TCXO
Frequency output f0/2
TE1
QFN10, T&R, 3.000 pcs/reel;
Pb free, RoHS compliant
For 8pF
Crystal load
MAS9279A8TG00
IC FOR TCXO
Frequency output f0/2
EWS Tested wafers 215 µm
For 10pF
Crystal load
MAS9279A8HH06
IC FOR TCXO
Frequency output f0/2
TE2
QFN10, T&R, 3.000 pcs/reel;
Pb free, RoHS compliant
For 10pF
Crystal load
Contact Micro Analog Systems Oy for other wafer thickness and bonding options
LOCAL DISTRIBUTOR



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com