Electronic Components Datasheet Search
  English  ▼

X  

MAS9279 Datasheet(PDF) 1 Page - Micro Analog systems

Part # MAS9279
Description  IC FOR 10.00 - 52.00 MHz VCTCXO
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAS [Micro Analog systems]
Direct Link  http://www.mas-oy.com
Logo MAS - Micro Analog systems

MAS9279 Datasheet(HTML) 1 Page - Micro Analog systems

  MAS9279 Datasheet HTML 1Page - Micro Analog systems MAS9279 Datasheet HTML 2Page - Micro Analog systems MAS9279 Datasheet HTML 3Page - Micro Analog systems MAS9279 Datasheet HTML 4Page - Micro Analog systems MAS9279 Datasheet HTML 5Page - Micro Analog systems MAS9279 Datasheet HTML 6Page - Micro Analog systems MAS9279 Datasheet HTML 7Page - Micro Analog systems MAS9279 Datasheet HTML 8Page - Micro Analog systems MAS9279 Datasheet HTML 9Page - Micro Analog systems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
DA9279.003
13 July 2006
1 (10)
MAS9279
IC FOR 10.00 – 52.00 MHz VCTCXO
•
Fourth Order Compensation
•
Frequency Stability +/- 0.3
ppm
•
Wide Frequency Range
•
Very Low Phase Noise
•
Low Voltage
•
Minimum Operating
Temperature –40 °C
•
Tri State CMOS Output
DESCRIPTION
The MAS9279 is an integrated circuit well suited to
build high end VCTCXO for telecommunication.
The trimming is done through a serial bus and the
calibration information is stored in an internal
PROM. This means no rework for trimming is
needed.
To build a VCTCXO only crystal is required in
addition to MAS9279. The compensation method is
fully
analog,
working
continuously
without
generating any steps or other interference.
FEATURES
APPLICATIONS
•
Very small size
•
Minimal current consumption
•
Wide operating temperature range
•
Very low phase noise
•
Programmable VC-sensitivity
•
Minimum operating temperature –40 °C
•
Oscillator frequency output f0/2 version
available
•
VCTCXO for high end telecommunications
systems
•
TCXO for high end telecommunication
systems
BLOCK DIAGRAM
T
Vref
TMux
Σ
DA
CLK
PV
VSS
VC
VDD
4
5
3
8
CUB
INF
SENS
LIN
6
CDAC1
CDAC2
TE1
TE2
X2
OUT
X1
f(T)
f(T)
Fourth
Term
4


Similar Part No. - MAS9279

ManufacturerPart #DatasheetDescription
logo
Micro Analog systems
MAS9270 MAS-MAS9270 Datasheet
129Kb / 9P
IC FOR 10.00 - 30.00 MHz VCTCXO
MAS9270C2SN06 MAS-MAS9270C2SN06 Datasheet
129Kb / 9P
IC FOR 10.00 - 30.00 MHz VCTCXO
MAS9270C3SN06 MAS-MAS9270C3SN06 Datasheet
129Kb / 9P
IC FOR 10.00 - 30.00 MHz VCTCXO
MAS9270CASN06 MAS-MAS9270CASN06 Datasheet
129Kb / 9P
IC FOR 10.00 - 30.00 MHz VCTCXO
MAS9270CTB1 MAS-MAS9270CTB1 Datasheet
129Kb / 9P
IC FOR 10.00 - 30.00 MHz VCTCXO
More results

Similar Description - MAS9279

ManufacturerPart #DatasheetDescription
logo
Micro Analog systems
MAS9275 MAS-MAS9275 Datasheet
223Kb / 10P
IC FOR 10.00 - 36.00 MHz VCXO
MAS1178 MAS-MAS1178 Datasheet
57Kb / 5P
IC FOR 10.00 - 20.00 MHz VCXO
MAS1175 MAS-MAS1175 Datasheet
123Kb / 9P
IC FOR 10.00 - 20.00 MHz VCTCXO
MAS9270 MAS-MAS9270 Datasheet
129Kb / 9P
IC FOR 10.00 - 30.00 MHz VCTCXO
MAS9271 MAS-MAS9271 Datasheet
76Kb / 5P
IC FOR 10.00 - 40.00 MHz PXO
MAS9276 MAS-MAS9276 Datasheet
125Kb / 8P
IC for 10.00 - 30.00 MHz VCTCXO
MAS9278 MAS-MAS9278 Datasheet
68Kb / 5P
IC for 10.00 - 30.00 MHz VCXO
MAS9281 MAS-MAS9281 Datasheet
76Kb / 6P
IC FOR 10.00 - 60.00 MHz XO
MAS9283 MAS-MAS9283 Datasheet
199Kb / 14P
IC FOR 10.00 - 56.00 MHz VCXO
MAS9278 MAS-MAS9278_10 Datasheet
58Kb / 5P
IC for 10.00 ??30.00 MHz VCXO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com