Electronic Components Datasheet Search
  English  ▼

X  

MAS9279 Datasheet(PDF) 6 Page - Micro Analog systems

Part # MAS9279
Description  IC FOR 10.00 - 52.00 MHz VCTCXO
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAS [Micro Analog systems]
Direct Link  http://www.mas-oy.com
Logo MAS - Micro Analog systems

MAS9279 Datasheet(HTML) 6 Page - Micro Analog systems

Back Button MAS9279 Datasheet HTML 2Page - Micro Analog systems MAS9279 Datasheet HTML 3Page - Micro Analog systems MAS9279 Datasheet HTML 4Page - Micro Analog systems MAS9279 Datasheet HTML 5Page - Micro Analog systems MAS9279 Datasheet HTML 6Page - Micro Analog systems MAS9279 Datasheet HTML 7Page - Micro Analog systems MAS9279 Datasheet HTML 8Page - Micro Analog systems MAS9279 Datasheet HTML 9Page - Micro Analog systems MAS9279 Datasheet HTML 10Page - Micro Analog systems  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
DA9279.003
13 July 2006
6 (10)
PACKAGE (QFN10 3X3) OUTLINE
Symbol
Min
Nom
Max
Unit
A
0.8
0.9
1.0
mm
A1
0
0.025
0.05
mm
A2
0.65
0.70
0.75
mm
A3
0.15
0.20
0.25
mm
b
0.200
0.250
0.300
mm
D
3.00 BSC
mm
D2
1.92
2.02
2.12
mm
E
3.00 BSC
mm
E2
1.65
1.70
1.75
mm
e
0.50 BSC
mm
L
0.350
0.400
0.450
mm
L2
-
-
0.125
mm
Dimensions do not include mold or interlead flash, protrusions or gate burrs.
PIN 1 MARK
D/2
SEATING
PLANE
SIDE VIEW
TOP VIEW
EXPOSED PAD
b
BOTTOM VIEW
D
e
0-10 deg
D2



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com