Electronic Components Datasheet Search
  English  ▼

X  

TMS320VC549 Datasheet(PDF) 46 Page - Texas Instruments

Part # TMS320VC549
Description  FIXED-POINT DIGITAL SIGNAL PROCESSOR
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320VC549 Datasheet(HTML) 46 Page - Texas Instruments

Back Button TMS320VC549 Datasheet HTML 42Page - Texas Instruments TMS320VC549 Datasheet HTML 43Page - Texas Instruments TMS320VC549 Datasheet HTML 44Page - Texas Instruments TMS320VC549 Datasheet HTML 45Page - Texas Instruments TMS320VC549 Datasheet HTML 46Page - Texas Instruments TMS320VC549 Datasheet HTML 47Page - Texas Instruments TMS320VC549 Datasheet HTML 48Page - Texas Instruments TMS320VC549 Datasheet HTML 49Page - Texas Instruments TMS320VC549 Datasheet HTML 50Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 63 page
background image
TMS320VC549
FIXEDPOINT DIGITAL SIGNAL PROCESSOR
SPRS078G − SEPTEMBER 1998 − REVISED OCTOBER 2004
46
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251−1443
buffered serial port transmit timing of external frames
switching characteristics over recommended operating conditions (see Figure 25)
PARAMETER
549-80
549-100
549-120
UNIT
MIN
MAX
td(BDX)
Delay time, BDX valid after BCLKX rising
18
ns
tdis(BDX)
Disable time, BDX after BCLKX rising
4
6
ns
tdis(BDX)pcm
Disable time, PCM mode, BDX after BCLKX rising
6
ns
ten(BDX)pcm
Enable time, PCM mode, BDX after BCLKX rising
8
ns
th(BDX)
Hold time, BDX valid after BCLKX rising
2
ns
timing requirements over recommended operating conditions (see Figure 25)
549-80
549-100
549-120
UNIT
MIN
MAX
tc(SCK)
Cycle time, serial port clock
20
†
ns
tf(SCK)
Fall time, serial port clock
4
ns
tr(SCK)
Rise time, serial port clock
4
ns
tw(SCK)
Pulse duration, serial port clock low/high
6
ns
th(BFSX)
Hold time, BFSX after CLKX falling edge (see Notes 3 and 4)
6
tc(SCK) −6‡
ns
tsu(BFSX)
Setup time, FSX before CLKX falling edge (see Notes 3 and 4)
6
ns
† The serial port design is fully static and therefore can operate with tc(SCK) approaching infinity. It is characterized approaching an input frequency
of 0 Hz but tested at a much higher frequency to minimize test time.
‡ If BFSX does not meet this specification, the first bit of the serial data is driven on BDX until BFSX goes low (sampled on falling edge of BCLKX).
After falling edge of the BFSX, data will be shifted out on the BDX pin.
NOTES:
3. Internal clock with external BFSX and vice versa are also allowable. However, BFSX timings to BCLKX always are defined
depending on the source of BFSX, and BCLKX timings always are dependent upon the source of BCLKX.
4. Timings for BCLKX and BFSX are given with polarity bits (BCLKP and BFSP) set to 0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com