Electronic Components Datasheet Search
  English  ▼

X  

TMS320VC549 Datasheet(PDF) 54 Page - Texas Instruments

Part # TMS320VC549
Description  FIXED-POINT DIGITAL SIGNAL PROCESSOR
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320VC549 Datasheet(HTML) 54 Page - Texas Instruments

Back Button TMS320VC549 Datasheet HTML 50Page - Texas Instruments TMS320VC549 Datasheet HTML 51Page - Texas Instruments TMS320VC549 Datasheet HTML 52Page - Texas Instruments TMS320VC549 Datasheet HTML 53Page - Texas Instruments TMS320VC549 Datasheet HTML 54Page - Texas Instruments TMS320VC549 Datasheet HTML 55Page - Texas Instruments TMS320VC549 Datasheet HTML 56Page - Texas Instruments TMS320VC549 Datasheet HTML 57Page - Texas Instruments TMS320VC549 Datasheet HTML 58Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 63 page
background image
TMS320VC549
FIXEDPOINT DIGITAL SIGNAL PROCESSOR
SPRS078G − SEPTEMBER 1998 − REVISED OCTOBER 2004
54
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251−1443
host port interface timing (continued)
timing requirements over recommended operating conditions [H = 0.5tc(CO)] (see Note 7)
(see Figure 29 through Figure 32)
549-80
549-100
549-120
UNIT
MIN
MAX
MIN
MAX
UNIT
tsu(HBV-DSL)
Setup time, HAD / HBIL valid before DS or HAS falling edge
10
10
ns
th(DSL-HBV)
Hold time, HAD / HBIL valid after DS or HAS falling edge
5
5
ns
tsu(HSL-DSL)
Setup time, HAS low before DS falling edge
12
12
ns
tw(DSL)
Pulse duration, DS low
30
30
ns
tw(DSH)
Pulse duration, DS high
10
10
ns
Cycle time, DS rising
Case 1: HOM access timings
(see Access Timing Without HRDY)
50
40
tc(DSH-DSH)
Cycle time, DS rising
edge to next DS rising
edge
Case 2a: SAM accesses and HOM active writes
to DSPINT or HINT†
(see Access Timings With HRDY)
10H
10H
ns
tsu(HDV-DSH)
Setup time, HD valid before DS rising edge
12
12
ns
td(DSH-HSL)‡
Delay time, DS high to next HAS low
10H
10H
ns
th(DSH − HDV)W
Hold time, HD valid after DS rising edge, write
3
3
ns
† A host not using HRDY should meet this timing requirement all the time unless a software handshake is used to change the access rate according
to the HPI mode.
‡ Must only be met if HAS is going low when not accessing the HPI (as would be the case where multiple devices are being driven by one host).
NOTE 7: SAM = shared-access mode, HOM = host-only mode
HAD stands for HCNTRL0, HCNTRL1, and HR / W.
HDS refers to either HDS1 or HDS2.
DS refers to the logical OR of HCS and HDS.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com