Electronic Components Datasheet Search
  English  ▼

X  

USB2504 Datasheet(PDF) 27 Page - SMSC Corporation

Part # USB2504
Description  Integrated USB 2.0 Compatible 4-Port Hub
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

USB2504 Datasheet(HTML) 27 Page - SMSC Corporation

Back Button USB2504 Datasheet HTML 23Page - SMSC Corporation USB2504 Datasheet HTML 24Page - SMSC Corporation USB2504 Datasheet HTML 25Page - SMSC Corporation USB2504 Datasheet HTML 26Page - SMSC Corporation USB2504 Datasheet HTML 27Page - SMSC Corporation USB2504 Datasheet HTML 28Page - SMSC Corporation USB2504 Datasheet HTML 29Page - SMSC Corporation USB2504 Datasheet HTML 30Page - SMSC Corporation USB2504 Datasheet HTML 31Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 46 page
background image
Integrated USB 2.0 Compatible 4-Port Hub
Datasheet
SMSC USB2504/USB2504A
27
Revision 2.1 (12-06-06)
DATASHEET
5.3.4
Slave Device Time-Out
According to the SMBus Specification, V1.0 devices in a transfer can abort the transfer in progress
and release the bus when any single clock low interval exceeds 25ms (TTIMEOUT, MIN). Devices that
have detected this condition must reset their communication and be able to receive a new START
condition no later than 35ms (TTIMEOUT, MAX).
Note: Some simple devices do not contain a clock low drive circuit; this simple kind of device typically
resets its communications port after a start or stop condition.
5.3.5
Stretching the SCLK Signal
The Hub supports stretching of the SCLK by other devices on the SMBus. The Hub does not stretch
the SCLK.
5.3.6
SMBus Timing
The SMBus Slave Interface complies with the SMBus AC Timing Specification. See the SMBus timing
in the “Timing Diagram” section.
5.3.7
Bus Reset Sequence
The SMBus Slave Interface resets and returns to the idle state upon a START field followed
immediately by a STOP field.
5.3.8
SMBus Alert Response Address
The SMBALERT# signal is not supported by the Hub.
5.3.9
Internal SMBus Memory Register Set
The following table provides the SMBus slave interface register map values.
Table 5.4 SMBus Slave Interface Register Map
REG
ADDR
R/W
REGISTER NAME
ABBR
BIT 7
(MSB)
BIT 6
BIT 5
BIT 4
BIT 3
BIT 2
BIT 1
BIT 0
(LSB)
00h
R/W
Status/Command
STCD
7
6
5
4
3
2
1
0
01h
R/W
VID LSB
VIDL
7
6
5
4
3
2
1
0
02h
R/W
VID MSB
VIDM
7
654
3
2
1
0
03h
R/W
PID LSB
PIDL
7
6
5
4
3
2
1
0
04h
R/W
PID MSB
PIDM
7
654
3
2
1
0
05h
R/W
DID LSB
DIDL
7
6
5
4
3
2
1
0
06h
R/W
DID MSB
DIDM
7
6
5
4
3
2
1
0
07h
R/W
Config Data Byte 1
CFG1
7
6
5
4
3
2
1
0
08h
R/W
Config Data Byte 2
CFG2
7
6
5
4
3
2
1
0
09h
R/W
Non-Removable
Devices
NRD
7
6
5
4
3
2
1
0
0Ah
R/W
Port Disable (Self)
PDS
7
6
5
4
3
2
1
0
0Bh
R/W
Port Disable (Bus)
PDB
7
6
5
4
3
2
1
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com