Electronic Components Datasheet Search
  English  ▼

X  

USB2504 Datasheet(PDF) 43 Page - SMSC Corporation

Part # USB2504
Description  Integrated USB 2.0 Compatible 4-Port Hub
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

USB2504 Datasheet(HTML) 43 Page - SMSC Corporation

Back Button USB2504 Datasheet HTML 38Page - SMSC Corporation USB2504 Datasheet HTML 39Page - SMSC Corporation USB2504 Datasheet HTML 40Page - SMSC Corporation USB2504 Datasheet HTML 41Page - SMSC Corporation USB2504 Datasheet HTML 42Page - SMSC Corporation USB2504 Datasheet HTML 43Page - SMSC Corporation USB2504 Datasheet HTML 44Page - SMSC Corporation USB2504 Datasheet HTML 45Page - SMSC Corporation USB2504 Datasheet HTML 46Page - SMSC Corporation  
Zoom Inzoom in Zoom Outzoom out
 43 / 46 page
background image
Integrated USB 2.0 Compatible 4-Port Hub
Datasheet
SMSC USB2504/USB2504A
43
Revision 2.1 (12-06-06)
DATASHEET
ICLK Input Buffer
Low Input Level
High Input Level
Input Leakage
Hysteresis
VILCK
VIHCK
IIL
VHYSC
2.0
-10
50
0.8
+10
100
V
V
uA
mV
TTL Levels
VIN = 0 to VDD33
O12 and I/O12 Type Buffer
Low Output Level
High Output Level
Output Leakage
VOL
VOH
IOL
2.4
0.4
+10
V
V
uA
IOL = 12mA @ VDD33 = 3.3V
IOH = -4mA @ VDD33 = 3.3V
VIN = 0 to VDD33
(Note 1)
OD12 Type Buffer
Low Output Level
Output Leakage
VOL
IOL
-10
0.4
+10
V
µA
IOL = 12mA @ VDD33 = 3.3V
VIN = 0 to VDD33
(Note 1)
I/OSD12 Type Buffer
Low Output Level
Output Leakage
Hysteresis
VOL
IOL
VHYSI
-10
250
300
0.4
+10
350
V
µA
mV
IOL = 12 mA @ VDD33 = 3.3V
VIN = 0 to VDD33
(Note 1)
IO-U
(Note 2)
I-R
(Note 3)
Supply Current Unconfig-
ured
High-Speed Host
Full-Speed Host
ICCINIT
ICCINIT
100
95
mA
mA
Supply Current
Configured
(High-Speed Host)
2 Ports @ FS/LS
2 Ports @ HS
1 Port HS, 1 Port FS/LS
3 Ports @ HS
4 Ports @ HS
IHCC2
IHCH2
IHCH1C1
IHCH3
IHCC4
190
235
215
265
295
mA
mA
mA
mA
mA
Total from all supplies
Table 8.1 DC Electrical Characteristics (continued)
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
COMMENTS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com