Electronic Components Datasheet Search
  English  ▼

X  

USB2504 Datasheet(PDF) 9 Page - SMSC Corporation

Part # USB2504
Description  Integrated USB 2.0 Compatible 4-Port Hub
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

USB2504 Datasheet(HTML) 9 Page - SMSC Corporation

Back Button USB2504 Datasheet HTML 5Page - SMSC Corporation USB2504 Datasheet HTML 6Page - SMSC Corporation USB2504 Datasheet HTML 7Page - SMSC Corporation USB2504 Datasheet HTML 8Page - SMSC Corporation USB2504 Datasheet HTML 9Page - SMSC Corporation USB2504 Datasheet HTML 10Page - SMSC Corporation USB2504 Datasheet HTML 11Page - SMSC Corporation USB2504 Datasheet HTML 12Page - SMSC Corporation USB2504 Datasheet HTML 13Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 46 page
background image
Integrated USB 2.0 Compatible 4-Port Hub
Datasheet
SMSC USB2504/USB2504A
9
Revision 2.1 (12-06-06)
DATASHEET
Chapter 3 Pin Configuration 4-Port Hub
Figure 3.1 4-Port 64 Pin TQFP
CFG_SEL1
RESET_N
SELF_PWR
VBUS_DET
VSS
VDD18
VSS
NC
XTAL2
TEST0
NC
VDD18
VSS
GR1/NON_REM0
VDD33
AM1/GANG_EN
GR2/NON_REM1
AM2/MTT_EN
USB2504 &
USB2504A
49
64
32
17
XTAL1/CLKIN
CFG_SEL2
VDDA18PLL
PRTPWR_POL
GR3/PRT_DIS0
AM3
VDDA33PLL
ATEST/REG_EN
RBIAS
VSS
GR4/PRT_DIS1
AM4/LED_EN
NC
NC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com