Electronic Components Datasheet Search
  English  ▼

X  

USB2504 Datasheet(PDF) 35 Page - SMSC Corporation

Part # USB2504
Description  Integrated USB 2.0 Compatible 4-Port Hub
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

USB2504 Datasheet(HTML) 35 Page - SMSC Corporation

Back Button USB2504 Datasheet HTML 31Page - SMSC Corporation USB2504 Datasheet HTML 32Page - SMSC Corporation USB2504 Datasheet HTML 33Page - SMSC Corporation USB2504 Datasheet HTML 34Page - SMSC Corporation USB2504 Datasheet HTML 35Page - SMSC Corporation USB2504 Datasheet HTML 36Page - SMSC Corporation USB2504 Datasheet HTML 37Page - SMSC Corporation USB2504 Datasheet HTML 38Page - SMSC Corporation USB2504 Datasheet HTML 39Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 46 page
background image
Integrated USB 2.0 Compatible 4-Port Hub
Datasheet
SMSC USB2504/USB2504A
35
Revision 2.1 (12-06-06)
DATASHEET
5.6.1.1
RESET_N for Strapping Option Configuration
Figure 5.2 Reset_N Timing for Default/Strap Option Mode
Notes:
When in Bus-Powered mode, the Hub and its associated circuitry must not consume more than
100mA from the upstream USB power source during t1+t5.
All Power Supplies must have reached the operating levels mandated in Section Chapter 8, "DC
Parameters", prior to (or coincident with) the assertion of RESET_N.
Table 5.5 Reset_N Timing for Default/Strap Option Mode
NAME
DESCRIPTION
MIN
TYP
MAX
UNITS
t1
RESET_N Asserted.
1
μsec
t2
Strap Setup Time
16.7
nsec
t3
Strap Hold Time.
16.7
1400
nsec
t4
hub outputs driven to inactive logic states
2.0
1.5
μsec
t5
USB Attach (See Note).
100
msec
t6
Host acknowledges attach and signals USB
Reset.
100
msec
t7
USB Idle.
undefined
msec
t8
Completion time for requests (with or without data
stage).
5
msec
t1
t4
t5
t6
t7
t8
Valid
Don’t Care
Don’t Care
Driven by Hub if strap is an output.
RESET_N
VSS
Strap Pins
VSS
Hardware
reset
asserted
Read Strap
Options
Drive Strap
Outputs to
inactive
levels
Attach
USB
Upstream
USB Reset
recovery
Idle
Start
completion
request
response
t2
t3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com