Electronic Components Datasheet Search
  English  ▼

X  

RT4539AWSC Datasheet(PDF) 30 Page - Richtek Technology Corporation

Part # RT4539AWSC
Description  39V High Efficiency Boost Converter with I2C Controlled 6-CH LED Driver
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT4539AWSC Datasheet(HTML) 30 Page - Richtek Technology Corporation

Back Button RT4539AWSC Datasheet HTML 26Page - Richtek Technology Corporation RT4539AWSC Datasheet HTML 27Page - Richtek Technology Corporation RT4539AWSC Datasheet HTML 28Page - Richtek Technology Corporation RT4539AWSC Datasheet HTML 29Page - Richtek Technology Corporation RT4539AWSC Datasheet HTML 30Page - Richtek Technology Corporation RT4539AWSC Datasheet HTML 31Page - Richtek Technology Corporation RT4539AWSC Datasheet HTML 32Page - Richtek Technology Corporation RT4539AWSC Datasheet HTML 33Page - Richtek Technology Corporation RT4539AWSC Datasheet HTML 34Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 39 page
background image
RT4539A
Copyright © 2022 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation
www.richtek.com
DS4539A-01
December 2022
30
For WQFN-24L 4x4 Package
Address Bit
Name
Default Value
Description
R/W
0Bh
[7]
BL_EN
Backlight enable
(B1)
Enable backlight.
B0: Backlight disabled (This selection is recommended for
systems with an I2C master. With an I2C master, the backlight
can be controlled by writing to the register 0Bh.)
B1: Backlight enabled (This selection is recommended for
systems with PWM only control.)
R/W
[6] FB6_EN
ON (B1)
FB6 Enable
B0: OFF
B1: ON
R/W
[5] FB5_EN
ON (B1)
FB5 Enable
B0: OFF
B1: ON
R/W
[4] FB4_EN
ON (B1)
FB4 Enable
B0: OFF
B1: ON
R/W
[3] FB1_EN
ON (B1)
FB1 Enable
B0: OFF
B1: ON
R/W
[2] FB2_EN
ON (B1)
FB2 Enable
B0: OFF
B1: ON
R/W
[1] FB3_EN
ON (B1)
FB3 Enable
B0: OFF
B1: ON
R/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com