Electronic Components Datasheet Search
  English  ▼

X  

RT4539AWSC Datasheet(PDF) 15 Page - Richtek Technology Corporation

Part # RT4539AWSC
Description  39V High Efficiency Boost Converter with I2C Controlled 6-CH LED Driver
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT4539AWSC Datasheet(HTML) 15 Page - Richtek Technology Corporation

Back Button RT4539AWSC Datasheet HTML 11Page - Richtek Technology Corporation RT4539AWSC Datasheet HTML 12Page - Richtek Technology Corporation RT4539AWSC Datasheet HTML 13Page - Richtek Technology Corporation RT4539AWSC Datasheet HTML 14Page - Richtek Technology Corporation RT4539AWSC Datasheet HTML 15Page - Richtek Technology Corporation RT4539AWSC Datasheet HTML 16Page - Richtek Technology Corporation RT4539AWSC Datasheet HTML 17Page - Richtek Technology Corporation RT4539AWSC Datasheet HTML 18Page - Richtek Technology Corporation RT4539AWSC Datasheet HTML 19Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 39 page
background image
RT4539A
Copyright © 2022 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation
DS4539A-01
December 2022
www.richtek.com
15
The RT4539A is a general purpose 6-CH LED driver
and is capable of delivering a maximum 35mA LED
current. The IC is a current mode Boost converter
integrated with a 2.5A power switch and can cover a
wide VIN range from 2.7V to 24V. Moreover, the IC
contains I2C interface for controlling the dimming mode,
operating frequency and the LED current. The internal
250mΩ, 39V power switch with current-mode control
provides over-current protection. The switching
frequency of the RT4539A is adjustable from 300kHz to
1.6MHz, which allows flexibility between efficiency and
component size.
Programmable functions include:
PWMO frequency.
LED constant current
Spread Spectrum
LX Edge Rate Control
Mixed Mode Change Duty
Dimming Mode Selection
Switching Current Limitation Selection
Boost switching frequency
LED Mapping Mode
LED Driver Headroom setting
Resolution Bit Selection
Filter Selection for smooth dimming modification
Slope Time Control Function
Fade in/out Time Control
PWM Sample Rate Selection
Advanced Brightness Control
26KHz Mode Division Frequency
Soft Start Time Control
Lowest Switching Frequency for PFM
PFM Function Enable
LED Short Protection
LED OVP Level Selection
Boost Over-Voltage Protection Selection
BL Control Enable
FB1~FB6 Control Enable
LED Current Setting
Exponential
function
for
smooth
dimming
modification
Dimming Control Mode Selection
The RT4539A provides five dimming modes for
controlling the LED brightness. These functions include
PWM mode, PWM-26k Mode, Mixed Mode, Mixed-26k
Mode, DC mode and change duty threshold of mixed
mode. The dimming control mode selection is
programmable by register address 00h.
Table 2. Dimming Control Mode Selection
Address Bit
Name
Default Value
Description
R/W
00h
[2:
0]
Dimming Mode
Selection
Mixed-26k Mode
(B011)
B000: PWM Mode (Direct PWM)
B001: PWM-26k Mode (Non-Direct
PWM)
B010: Mixed Mode
B011: Mixed-26k Mode
B100: DC Mode
R/W
[3]
Mixed Mode Change
Duty
25% (B1)
B0: 12.5%
B1: 25%
R/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com