Electronic Components Datasheet Search
  English  ▼

X  

RT4539AWSC Datasheet(PDF) 19 Page - Richtek Technology Corporation

Part # RT4539AWSC
Description  39V High Efficiency Boost Converter with I2C Controlled 6-CH LED Driver
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT4539AWSC Datasheet(HTML) 19 Page - Richtek Technology Corporation

Back Button RT4539AWSC Datasheet HTML 15Page - Richtek Technology Corporation RT4539AWSC Datasheet HTML 16Page - Richtek Technology Corporation RT4539AWSC Datasheet HTML 17Page - Richtek Technology Corporation RT4539AWSC Datasheet HTML 18Page - Richtek Technology Corporation RT4539AWSC Datasheet HTML 19Page - Richtek Technology Corporation RT4539AWSC Datasheet HTML 20Page - Richtek Technology Corporation RT4539AWSC Datasheet HTML 21Page - Richtek Technology Corporation RT4539AWSC Datasheet HTML 22Page - Richtek Technology Corporation RT4539AWSC Datasheet HTML 23Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 39 page
background image
RT4539A
Copyright © 2022 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation
DS4539A-01
December 2022
www.richtek.com
19
LED Current Setting
The LED current of each channel can be set by I2C interface and more details are shown in Table 6.
Set Maximum LED current as shown below. This maximum current is scaled as described in the 0x02h Register.
Address
Bit
Name
Default Value
Description
Resolution
R/W
02h
[7: 0] ILED Current
Setting
20mA
(0x82h)
Control the max current
0x00h: 0mA
0x01h to 0x2Fh: 10.04mA
0x82h: 20mA
0xFFh: 35mA
~0.12mA
(0x2Fh to 0xFFh)
R/W
When the LED current setting command is below 0x82h, the LED current will be kept at 20mA. When the command is
0x00h, the LED current will be set to 0mA. The maximum LED current setting is 35mA. The one step of LED current
is approximately 0.12mA.
Table 6. LED Current Setting
ILED
(mA)
0x02h
<7: 0>
ILED
(mA)
0x02h
<7: 0>
ILED
(mA)
0x02h
<7: 0>
ILED
(mA)
0x02h
<7: 0>
ILED
(mA)
0x02h
<7: 0>
35.00
FF
29.24
CF
23.48
9F
17.72
6F
11.96
3F
34.88
FE
29.12
CE
23.36
9E
17.60
6E
11.84
3E
34.76
FD
29.00
CD
23.24
9D
17.48
6D
11.72
3D
34.64
FC
28.88
CC
23.12
9C
17.36
6C
11.60
3C
34.52
FB
28.76
CB
23.00
9B
17.24
6B
11.48
3B
34.40
FA
28.64
CA
22.88
9A
17.12
6A
11.36
3A
34.28
F9
28.52
C9
22.76
99
17.00
69
11.24
39
34.16
F8
28.40
C8
22.64
98
16.88
68
11.12
38
34.04
F7
28.28
C7
22.52
97
16.76
67
11.00
37
33.92
F6
28.16
C6
22.40
96
16.64
66
10.88
36
33.80
F5
28.04
C5
22.28
95
16.52
65
10.76
35
33.68
F4
27.92
C4
22.16
94
16.40
64
10.64
34
33.56
F3
27.80
C3
22.04
93
16.28
63
10.52
33
33.44
F2
27.68
C2
21.92
92
16.16
62
10.40
32
33.32
F1
27.56
C1
21.80
91
16.04
61
10.28
31
33.20
F0
27.44
C0
21.68
90
15.92
60
10.16
30
33.08
EF
27.32
BF
21.56
8F
15.80
5F
10.04
01~2F
32.96
EE
27.20
BE
21.44
8E
15.68
5E
10.04
32.84
ED
27.08
BD
21.32
8D
15.56
5D
10.04
32.72
EC
26.96
BC
21.20
8C
15.44
5C
10.04
32.60
EB
26.84
BB
21.08
8B
15.32
5B
0.00
0
32.48
EA
26.72
BA
20.96
8A
15.20
5A
32.36
E9
26.60
B9
20.84
89
15.08
59
32.24
E8
26.48
B8
20.72
88
14.96
58
32.12
E7
26.36
B7
20.60
87
14.84
57
32.00
E6
26.24
B6
20.48
86
14.72
56
31.88
E5
26.12
B5
20.36
85
14.60
55
31.76
E4
26.00
B4
20.24
84
14.48
54
31.64
E3
25.88
B3
20.12
83
14.36
53
31.52
E2
25.76
B2
20.00
82
14.24
52
31.40
E1
25.64
B1
19.88
81
14.12
51



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com