Electronic Components Datasheet Search
  English  ▼

X  

RT4539AWSC Datasheet(PDF) 31 Page - Richtek Technology Corporation

Part # RT4539AWSC
Description  39V High Efficiency Boost Converter with I2C Controlled 6-CH LED Driver
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT4539AWSC Datasheet(HTML) 31 Page - Richtek Technology Corporation

Back Button RT4539AWSC Datasheet HTML 27Page - Richtek Technology Corporation RT4539AWSC Datasheet HTML 28Page - Richtek Technology Corporation RT4539AWSC Datasheet HTML 29Page - Richtek Technology Corporation RT4539AWSC Datasheet HTML 30Page - Richtek Technology Corporation RT4539AWSC Datasheet HTML 31Page - Richtek Technology Corporation RT4539AWSC Datasheet HTML 32Page - Richtek Technology Corporation RT4539AWSC Datasheet HTML 33Page - Richtek Technology Corporation RT4539AWSC Datasheet HTML 34Page - Richtek Technology Corporation RT4539AWSC Datasheet HTML 35Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 39 page
background image
RT4539A
Copyright © 2022 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation
DS4539A-01
December 2022
www.richtek.com
31
MTP Function
The RT4539A integrates Multiple-Time Programmable
(MTP) non-volatile memory. During power-on, the
contents of the MTP are transferred to the DAC register.
Users can write and read MTP or DAC via I2C interface.
If users want to change data of MTP, it is needed to
write all desired data to DAC first. Finally, write address
0xFFh [7: 7] = 1, and it will write all data of DAC into
MTP. Users also can read data from DAC or MTP via
address 0xFFh [0: 0]. When 0xFFh = 0, I2C interface
reads data from DAC. Otherwise, 0xFFh = 1, I2C
interface reads data from MTP. The detailed
description is shown in Table 19.
Table 19. MTP Function
Address Bit
Name
Default Value
Description
R/W
FFh
[0: 0]
MTP Read
I2C read data from DAC
(B0)
MTP Read
B0: I2C reads data from DAC
B1: I2C reads data from MTP
R/W
FFh
[7: 7] MTP Programming
Normal operation
(B0)
MTP Programming
B0: Normal operation
B1: Start MTP programming sequence
R/W
LED OVP level
The LED OVP level can be controlled by address 0x0Ah
[6: 5] and LED OVP level range is from 2.1V to 3.5V.
When the minimum FBx voltage rises above the LED
OVP level setting, the internal switch will be turned off.
Once the minimum FBx voltage drops below the LED
OVP level setting, the internal switch will be turned on
again. The minimum FBx voltage can be clamped at the
LED OVP level setting
.
LED Connection
The LED strings are connected from the output of the
boost converter to pin FBx (x = 1 to 6) respectively. If
one of the current sink channels is not used, the FBx pin
should be connected toGND. If the un- used channel is
not connected to GND, it will be considered as a
LED string open. Once the channel is accounted as
string open, the un-used channel can be turned on
again when the LED string is reconnected.
LED String Open Protection
If the voltage at FBx pin is lower than 100mV, this
channel is defined as open channel. The Minimum LED
Selection function will discard this channel and regulate
other used channels in proper voltage. Once the
channel is accounted as string open, the FBx pin
voltage will not be regulated and not latched, until the
FBx pin is reconnected, the FBx pin will work normally
again. If all FBx pins are open (floating), the output
voltage will be clamped to the setting voltage of OVP
(VOUT(OVP)).
LED String Short Protection
If CHx pin voltages exceeds the threshold of
approximately 5.6V during normal operation, the
channels will be turned off and it can be reset by EN or
VIN UVLO.
Over Temperature Protection
The RT4539A has over-temperature protection function
to prevent the IC from overheating due to excessive
power dissipation. The OTP function will shut down the
IC when junction temperature exceeds 150°C (typ.).
When junction temperature cools down to 130°C
(TOTP_hys = 20°C), the LED driver will return to normal
operation.
Input Capacitor Selection
Low ESR ceramic capacitors are recommended for input
capacitor applications. Low ESR will effectively reduce
the input ripple voltage caused by the switching operation.
Two 2.2µF low ESR ceramic capacitors are sufficient for
most applications. Nevertheless, this value can be
decreased for applications with lower output current
requirement.
Another consideration is the voltage rating of the input
capacitor, which must be greater than the maximum input
voltage.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com