Electronic Components Datasheet Search
  English  ▼

X  

RT5133AWSC Datasheet(PDF) 33 Page - Richtek Technology Corporation

Part # RT5133AWSC
Description  Integrated PMIC with 8-Channel LDOs and 3 GPOs for Camera Module Applications
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT5133AWSC Datasheet(HTML) 33 Page - Richtek Technology Corporation

Back Button RT5133AWSC Datasheet HTML 29Page - Richtek Technology Corporation RT5133AWSC Datasheet HTML 30Page - Richtek Technology Corporation RT5133AWSC Datasheet HTML 31Page - Richtek Technology Corporation RT5133AWSC Datasheet HTML 32Page - Richtek Technology Corporation RT5133AWSC Datasheet HTML 33Page - Richtek Technology Corporation RT5133AWSC Datasheet HTML 34Page - Richtek Technology Corporation RT5133AWSC Datasheet HTML 35Page - Richtek Technology Corporation RT5133AWSC Datasheet HTML 36Page - Richtek Technology Corporation RT5133AWSC Datasheet HTML 37Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 41 page
background image
RT5133A
Copyright © 2022 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
DS5133A-00
March
2022
www.richtek.com
33
Address
Reg Name
Bit
Bit Name
Default
Type
Description
0x24
LDO2_CTRL1
7
LDO2_EN
0
RWC
Enable control of LDO2
0 : Disable (default)
1 : Enable
Note : Clear by
VDDAUV/OT/OC/PGB
event
6
Reserved
0
RW
5
Reserved
1
RW
4
Reserved
1
RW
3:2
LDO2_STCD_TD
00
RW
LDO2 soft-start count
down
00 : 1ms (default)
01 : 2ms
10 : 4ms
11 : 8ms
1:0
LDO2_STBTD
01
RW
Soft-start time of LDO2
control
00 : 0ms (Sync)
01 : 1ms (default)
10 : 2ms
11 : 4ms
0x25
LDO2_CTRL2
7:5
LDO2_VOSEL
011
RW
LDO2 VOUT selection
000 : 1.8V
001 : 2.5V
010 : 2.7V
011 : 2.8V (default)
100 : 2.9V
101 : 3.0V
110 : 3.1V
111 : 3.2V
4:0
Reserved
00000
RW
0x26
LDO2_CTRL3
7
Reserved
0
RW
6
LDO2_OCFB_EN
1
RW
Enable control of OCFB
function
0 : Disable
1 : Enable (default)
5:4
LDO2_OCFB_TD
10
RW
Deglitch time of OCFB
00 : 10
s
01 : 15
s
10 : 60
s (default)
11 : 100
s
3
Reserved
0
RW
2
LDO2_NDIS_EN
1
RW
Enable control of LDO2
Output Discharge
0 : Disable
1 : Enable (default)
1:0
Reserved
00
RW
0x27
LDO2_CTRL4
7:0
Reserved
00000000
RW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com