Electronic Components Datasheet Search
  English  ▼

X  

RT5133AWSC Datasheet(PDF) 1 Page - Richtek Technology Corporation

Part # RT5133AWSC
Description  Integrated PMIC with 8-Channel LDOs and 3 GPOs for Camera Module Applications
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT5133AWSC Datasheet(HTML) 1 Page - Richtek Technology Corporation

  RT5133AWSC Datasheet HTML 1Page - Richtek Technology Corporation RT5133AWSC Datasheet HTML 2Page - Richtek Technology Corporation RT5133AWSC Datasheet HTML 3Page - Richtek Technology Corporation RT5133AWSC Datasheet HTML 4Page - Richtek Technology Corporation RT5133AWSC Datasheet HTML 5Page - Richtek Technology Corporation RT5133AWSC Datasheet HTML 6Page - Richtek Technology Corporation RT5133AWSC Datasheet HTML 7Page - Richtek Technology Corporation RT5133AWSC Datasheet HTML 8Page - Richtek Technology Corporation RT5133AWSC Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 41 page
background image
RT5133A
Copyright © 2022 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
DS5133A-00
March
2022
www.richtek.com
1
Integrated PMIC with 8-Channel LDOs and 3 GPOs for
Camera Module Applications
General Description
The
RT5133A
is
a
highly-integrated
power
management IC, which includes 8 LDOs for camera
sensor applications, including 2-Ch DVDD, 4-Ch AVDD,
1-Ch VIO, 1-Ch VAF and 3 GPOs for portable devices.
The output voltages, soft-start time and protections of
regulators can be controlled by writing the registers
through I2C.
The LDO1 can be used to supply power to IO (VIO). The
LDO2 can be used to supply power to auto focus unit
(VAF). The LDO3 to LDO6 can be used to supply power
to AVDD. The LDO7 and LDO8 can be used to supply
power to DVDD.
3 GPO output pins can control external device or be
reused for another purpose.
The RT5133A is available in a WL-CSP-25B 1.84x1.84
(BSC) package.
Ordering Information
Package Type
WSC : WL-CSP-25B 1.84x1.84 (BSC)
RT5133A
Note :
The products are :
RoHS compliant and compatible with the current
requirements of IPC/JEDEC J-STD-020.
Suitable for use in SnPb or Pb-free soldering processes.
Applications
Cellular Telephones
Personal Information Appliances
Tablet PCs
Portable Instruments
Features
Top
Hardware Enable Pin
I2C Controlled Interface
Programmable Channel Power On/Off
IRQB Output for Indication
Input Under-Voltage Protection
Over-Temperature Protection
LDO
LDO1/2
2 Low Dropout Regulators for VIO18 and
auto Focus Application
Wide 2.8V to 5V Operating Input Range
Programmable Output Voltage by I2C
High PSRR : 70dB @ 1KHz
300mA Low Dropout Voltage Regulators
LDO3/4/5/6
4 Low Dropout Regulators for AVDD
application
Wide 2.8V to 5V Operating Input Range
Programmable Output Voltage by I2C
High PSRR : 85dB @ 1KHz
300mA Low Dropout Voltage Regulators
LDO7/8
2 Low Dropout Regulators for DVDD
application
Wide 1.1V to 5V Operating Input Range
Programmable Output Voltage by I2C
High PSRR : 75dB @ 1KHz
600mA/1000mA Low Dropout Voltage
Regulators
GPO
3 GPO Pins to Control a Single Regulator


Similar Part No. - RT5133AWSC

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT5133 RICHTEK-RT5133 Datasheet
2Mb / 41P
Integrated PMIC with 8-Channel LDOs and 3 GPOs for Camera Module Applications
February 2021
RT5133WSC RICHTEK-RT5133WSC Datasheet
2Mb / 41P
Integrated PMIC with 8-Channel LDOs and 3 GPOs for Camera Module Applications
February 2021
More results

Similar Description - RT5133AWSC

ManufacturerPart #DatasheetDescription
logo
ams AG
AS3709 AMSCO-AS3709 Datasheet
930Kb / 74P
關PMIC with 5 DCDC and 2 LDOs
logo
Richtek Technology Corp...
DS5028E RICHTEK-DS5028E Datasheet
519Kb / 41P
Integrated PMIC with 4-Channel Synchronous Buck Converters, 8 LDOs, and MTP Non-Volatile Memory for Industrial Applications
logo
Shenzhen X-Powers Techn...
AXP152 XPOWER-AXP152 Datasheet
390Kb / 4P
Highly integrated PMIC with 4 DC/DC Buck Converters and 7 LDOs
AXP155 XPOWER-AXP155 Datasheet
398Kb / 3P
Highly integrated PMIC with 5 DC/DC Buck Converters and 10 LDOs
logo
Will Semiconductor Ltd.
WL2864C WILLSEMI-WL2864C Datasheet
1Mb / 30P
7-Channel LDO PMIC for Camera Applications
logo
Rohm
BD86852MUF-C ROHM-BD86852MUF-C Datasheet
2Mb / 46P
PMIC for Automotive Camera
logo
Maxim Integrated Produc...
MAX25250 MAXIM-MAX25250 Datasheet
968Kb / 19P
Four Output Mini PMIC for Camera Applications
Rev 0; 4/21
logo
Richtek Technology Corp...
RT5133 RICHTEK-RT5133 Datasheet
2Mb / 41P
Integrated PMIC with 8-Channel LDOs and 3 GPOs for Camera Module Applications
February 2021
RTQ5115-QA RICHTEK-RTQ5115-QA Datasheet
582Kb / 46P
Integrated PMIC with 4-Channel Synchronous Buck Converters, 8 LDOs, and MTP Non-Volatile Memory for Industrial and Automotive Applications
June 2021
logo
Texas Instruments
TPS65224-Q1 TI1-TPS65224-Q1 Datasheet
659Kb / 11P
TPS65224-Q1 Power Management IC (PMIC) with 4 BUCKs and 3 LDOs for Safety- Relevant Automotive Applications
DECEMBER 2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com