Electronic Components Datasheet Search
  English  ▼

X  

RT5133AWSC Datasheet(PDF) 6 Page - Richtek Technology Corporation

Part # RT5133AWSC
Description  Integrated PMIC with 8-Channel LDOs and 3 GPOs for Camera Module Applications
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT5133AWSC Datasheet(HTML) 6 Page - Richtek Technology Corporation

Back Button RT5133AWSC Datasheet HTML 2Page - Richtek Technology Corporation RT5133AWSC Datasheet HTML 3Page - Richtek Technology Corporation RT5133AWSC Datasheet HTML 4Page - Richtek Technology Corporation RT5133AWSC Datasheet HTML 5Page - Richtek Technology Corporation RT5133AWSC Datasheet HTML 6Page - Richtek Technology Corporation RT5133AWSC Datasheet HTML 7Page - Richtek Technology Corporation RT5133AWSC Datasheet HTML 8Page - Richtek Technology Corporation RT5133AWSC Datasheet HTML 9Page - Richtek Technology Corporation RT5133AWSC Datasheet HTML 10Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 41 page
background image
RT5133A
Copyright © 2022 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
www.richtek.com
DS5133A-00
March
2022
6
BOM List
Reference
Q'ty
Part Number
Description
Package Manufacturer
C14, C16
2
GRM155R60J475ME47
4.7
F/0402/6.3V/X5R
0402
MURATA
C4, C5, C7, C9, C10, C12
4
GRM033R60J225ME47D
2.2
F/0201/6.3V/X5R
0201
MURATA
C1, C2, C3, C6, C8, C11,
C13, C15
8
GRM033R60J105ME11D
1
F/0201/6.3V/X5R
0201
MURATA
R1, R2, R3
3
RM02FTN2201
2.2k/0201/1%
0201
TA-I
Protection List
Part
Protection
Type
Threshold
(Typical Value)
Deglitch
Time
Protection Method
Reset Method
TOP
VDDA UVLO
VDDA < 2.6V
1ms
All LDOs shut down
VSYS > 2.8V
OTP
Temperature > 150°
C
1ms
OTP shut down selection
by (0x0A, bit[4])
Temperature < 110°
C
LDO1
Over-Current
1.2 x Imax to 3 x Imax
5ms
LDO1 shut down
Re-power on
Power Good
VOUT < Target x 70%
400
s
LDO1 shut down
Re-power on
LDO2
Over-Current
1.2 x Imax to 3 x Imax
5ms
LDO2 shut down
Re-power on
Power Good
VOUT < Target x 70%
400
s
LDO2 shut down
Re-power on
LDO3
Over-Current
1.2 x Imax to 3 x Imax
5ms
LDO3 shut down
Re-power on
Power Good
VOUT < Target x 70%
400
s
LDO3 shut down
Re-power on
LDO4
Over-Current
1.2 x Imax to 3 x Imax
5ms
LDO4 shut down
Re-power on
Power Good
VOUT < Target x 70%
400
s
LDO4 shut down
Re-power on
LDO5
Over-Current
1.2 x Imax to 3 x Imax
5ms
LDO5 shut down
Re-power on
Power Good
VOUT < Target x 70%
400
s
LDO5 shut down
Re-power on
LDO6
Over-Current
1.2 x Imax to 3 x Imax
5ms
LDO6 shut down
Re-power on
Power Good
VOUT < Target x 70%
400
s
LDO6 shut down
Re-power on
LDO7
Over-Current
1.2 x Imax to 3 x Imax
5ms
LDO7 shut down
Re-power on
Power Good
VOUT < Target x 70%
400
s
LDO7 shut down
Re-power on
LDO8
Over-Current
1.2 x Imax to 3 x Imax
5ms
LDO8 shut down
Re-power on
Power Good
VOUT < Target x 70%
400
s
LDO8 shut down
Re-power on



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com